Electronic Components Datasheet Search
  English  ▼

X  

9SQ445 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # 9SQ445
Description  CK440Q Lite PCIe Gen7 Clock Generator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9SQ445 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button 9SQ445 Datasheet HTML 11Page - Renesas Technology Corp 9SQ445 Datasheet HTML 12Page - Renesas Technology Corp 9SQ445 Datasheet HTML 13Page - Renesas Technology Corp 9SQ445 Datasheet HTML 14Page - Renesas Technology Corp 9SQ445 Datasheet HTML 15Page - Renesas Technology Corp 9SQ445 Datasheet HTML 16Page - Renesas Technology Corp 9SQ445 Datasheet HTML 17Page - Renesas Technology Corp 9SQ445 Datasheet HTML 18Page - Renesas Technology Corp 9SQ445 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
15
©2021–2026 Renesas Electronics Corporation
R31DS0066EU0104 August 5, 2026
9SQ445 Datasheet
Figure 4. AC/DC Test Load for Differential Outputs (Double-Terminated)
Figure 5. Test Load for PCIe Phase Jitter Measurements
* Note: PCIe Gen5 specifies L = 0cm. L = 25.4cm is more conservative.
Figure 6. AC/DC Test Load for SBI OUT
* Note: PCIe Gen5 specifies L = 0cm. L = 25.4cm is more conservative.
Table 17. Test Load Parameters for PCIe Gen5 Jitter Measurement
Rs (Ω)
Zo (Ω)
L (cm) *
CL (pF)
Internal
85
25.4
N/A
Table 18. AC/DC Test Load Parameters for SBI_OUT
Rs (Ω)
Zo (Ω)
L (cm) *
CL (pF)
Internal
50
25.4
2pF
50
42.5
CK+
Device
Under
Test
CK-
7.5
7.5
Zo (differential)
SMA
SMA
DSO (≥ 20Gs/sec)
50
50
Coax
Cables
CL
CL
Phase Noise Analyzer
SMA
Connectors
L
50
Coax
Cables
0.1uF
Balun
CK+
Device
Under
Test
CK-
Zo (differential)
DUT CLK
Zo (single-ended)
L
CL
Test
Point



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com