Electronic Components Datasheet Search
  English  ▼

X  

AM1LS-NZ Datasheet(PDF) 4 Page - AIMTEC

Part # AM1LS-NZ
Description  1 Watt | DC-DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1LS-NZ Datasheet(HTML) 4 Page - AIMTEC

  AM1LS-NZ Datasheet HTML 1Page - AIMTEC AM1LS-NZ Datasheet HTML 2Page - AIMTEC AM1LS-NZ Datasheet HTML 3Page - AIMTEC AM1LS-NZ Datasheet HTML 4Page - AIMTEC AM1LS-NZ Datasheet HTML 5Page - AIMTEC AM1LS-NZ Datasheet HTML 6Page - AIMTEC AM1LS-NZ Datasheet HTML 7Page - AIMTEC AM1LS-NZ Datasheet HTML 8Page - AIMTEC AM1LS-NZ Datasheet HTML 9Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Series AM1LS-NZ
1 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC (924 6832)
F 051e R12.N
4 of 9
North America only
REV: 05/19/A
Peak temp.≤245℃, maximum duration
time≤60s at 217℃
Maximum case temperature
130
oC
Safety Specifications
Parameters
Agency approvals
cULus
Standards
Information technology Equipment
UL 60950-1 (The models marked with # only)
UL 62368 (The models marked with ** only)
EMI - Conducted and
radiated emission
5V input
CISPR32/EN55032, class B (with the recommended EMC circuit for 5V
input models)
Others
EN55022, class B (with the recommended EMC circuit)
Electrostatic Discharge
Immunity
5V input
IEC 61000-4-2, Contact ±4kV, Air ±8kV, Criteria B
Others
IEC 61000-4-2, Contact ±8kV, Criteria B
Pin Out Specifications and Dimensions for 3.3V, 12V, 15V, 24V Input Models
Pin
Single
1
- V Input
2
+ V Input
3
No Pin
4
-V Output
5
+V Output
6
No Pin
7
No Pin
8
N.C.
8.30
(0.32)
Top View
Front View
Side View
1.45
(0.06)
12.70
(0.50)
0.60
(0.02)
2.54
(0.10)
1
7.62
(0.30)
11.20
(0.44)
2.0
(0.08)
5.00
(0.19)
0.25
(0.01)
8.3
(0.32)
0º~10º angle
0.88
(0.04)
1.00
(0.04)
2.54
(0.10)
2.10
(0.08)
7.62
(0.30)
12.20
(0.48)
Single Output Models



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com