Electronic Components Datasheet Search
  English  ▼

X  

AM1LS-NZ Datasheet(PDF) 1 Page - AIMTEC

Part # AM1LS-NZ
Description  1 Watt | DC-DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1LS-NZ Datasheet(HTML) 1 Page - AIMTEC

  AM1LS-NZ Datasheet HTML 1Page - AIMTEC AM1LS-NZ Datasheet HTML 2Page - AIMTEC AM1LS-NZ Datasheet HTML 3Page - AIMTEC AM1LS-NZ Datasheet HTML 4Page - AIMTEC AM1LS-NZ Datasheet HTML 5Page - AIMTEC AM1LS-NZ Datasheet HTML 6Page - AIMTEC AM1LS-NZ Datasheet HTML 7Page - AIMTEC AM1LS-NZ Datasheet HTML 8Page - AIMTEC AM1LS-NZ Datasheet HTML 9Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Series AM1LS-NZ
1 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC (924 6832)
F 051e R12.N
1 of 9
North America only
REV: 05/19/A
FEATURES:
• SMD Package
• Input / Output Isolation 1500 & 3000 VDC
• Single Output Models
•
Operating Temperature -40oC to +105oC
• Low Ripple and Noise
•
RoHS Compliant
• Industry Standard Pinout
•
Continuous Short Circuit Protection
Models
Single output
Model
Input
Voltage
(V)
Output
Voltage
(V)
Output
Current
Max / Min
(mA)
Isolation
(VDC)
Input Current
Max | No
Load
(mA)
Max
Capacitive
Load (µF)
Efficiency
(%)
(Typ.)
AM1LS-0303S-NZ
‡
2.97-3.63
3.3
303 / 30
1500
415
25
220
69
AM1LS-0305S-NZ
‡#
2.97-3.63
5
200 / 20
1500
404
25
220
74
AM1LS-0309S-NZ
‡
2.97-3.63
9
111 / 12
1500
404
25
220
80
AM1LS-0312S-NZ
‡
2.97-3.63
12
84 / 9
1500
404
25
220
80
AM1LS-0315S-NZ
‡
2.97-3.63
15
67 / 7
1500
404
25
220
80
AM1LS-0324S-NZ
‡
2.97-3.63
24
42 / 4
1500
404
25
220
80
AM1LS-0503SJZ
4.5-5.5
3.3
303 / 30
1500
286
10
2400
74
AM1LS-0505SJZ**
4.5-5.5
5
200 / 20
1500
286
10
2400
82
AM1LS-0509SJZ
4.5-5.5
9
111 / 12
1500
254
20
1000
83
AM1LS-0512SJZ
4.5-5.5
12
84 / 9
1500
254
20
560
83
AM1LS-0515SJZ
4.5-5.5
15
67 / 7
1500
254
30
560
83
AM1LS-0524SJZ
4.5-5.5
24
42 / 4
1500
254
30
220
85
AM1LS-0503S-NZ#**
4.5-5.5
3.3
303 / 30
1500
263
20
2400
74
AM1LS-0505S-NZ#**
4.5-5.5
5
200 / 20
1500
250
20
2400
82
AM1LS-0506S-NZ#
4.5-5.5
6
167 / 17
1500
250
20
220
80
AM1LS-0509S-NZ#**
4.5-5.5
9
111 / 12
1500
250
20
1000
83
AM1LS-0512S-NZ#**
4.5-5.5
12
84 / 9
1500
250
20
560
83
AM1LS-0515S-NZ#**
4.5-5.5
15
67 / 7
1500
250
20
560
83
AM1LS-0524S-NZ#**
4.5-5.5
24
42 / 4
1500
250
20
220
85
AM1LS-1203S-NZ#
10.8-13.2
3.3
303 / 30
1500
111
15
220
75
AM1LS-1205S-NZ#
10.8-13.2
5
200 / 20
1500
104
15
220
80
AM1LS-1209S-NZ#
10.8-13.2
9
111 / 12
1500
104
15
220
80
AM1LS-1212S-NZ#
10.8-13.2
12
84 / 9
1500
103
15
220
81
AM1LS-1215S-NZ#
10.8-13.2
15
67 / 7
1500
103
15
220
81
AM1LS-1224S-NZ
10.8-13.2
24
42 / 4
1500
103
15
220
81
AM1LS-1505S-NZ
13.5-16.5
5
200 / 20
1500
82
10
220
80
AM1LS-1509S-NZ
13.5-16.5
9
111 / 12
1500
82
10
220
80
AM1LS-1515S-NZ
13.5-16.5
15
67 / 7
1500
82
10
220
81
AM1LS-2403S-NZ
‡
21.6-26.4
3.3
303 / 30
1500
52
7
220
71
AM1LS-2405S-NZ
‡
21.6-26.4
5
200 / 20
1500
52
7
220
80
AM1LS-2409S-NZ
‡
21.6-26.4
9
111 / 12
1500
52
7
220
80
AM1LS-2412S-NZ
‡
21.6-26.4
12
84 / 9
1500
52
7
220
80
AM1LS-2415S-NZ
‡
21.6-26.4
15
67 / 7
1500
51
7
220
81
AM1LS-2424S-NZ
‡
21.6-26.4
24
42 / 4
1500
51
7
220
81
AM1LS-0303SH30-NZ
‡
2.97-3.63
3.3
303 / 30
3000
415
25
220
73
AM1LS-0305SH30-NZ
‡#
2.97-3.63
5
200 / 20
3000
388
25
220
78
AM1LS-0503SH30-NZ#**
4.5-5.5
3.3
303 / 30
3000
263
20
2400
74
AM1LS-0505SH30-NZ#**
4.5-5.5
5
200 / 20
3000
250
20
2400
82
AM1LS-0509SH30-NZ#**
4.5-5.5
9
111 / 12
3000
250
20
1000
83
AM1LS-0512SH30-NZ#**
4.5-5.5
12
84 / 9
3000
250
20
560
83
AM1LS-0515SH30-NZ#**
4.5-5.5
15
67 / 7
3000
250
20
560
83
AM1LS-0524SH30-NZ#**
4.5-5.5
24
42 / 4
3000
250
20
220
85
AM1LS-1203SH30-NZ#
10.8-13.2
3.3
303 / 30
3000
111
15
220
75
AM1LS-1205SH30-NZ#
10.8-13.2
5
200 / 20
3000
104
15
220
80
AM1LS-1209SH30-NZ#
10.8-13.2
9
111 / 12
3000
104
15
220
80
Click on Series name for product info on aimtec.com


Similar Part No. - AM1LS-NZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1LS-NZ AIMTEC-AM1LS-NZ Datasheet
277Kb / 2P
1 Watt | DC-DC Converter
AM1LS-NZ AIMTEC-AM1LS-NZ Datasheet
689Kb / 10P
1 Watt | DC-DC Converter
REV: 07/21/A
AM1LS-NZ AIMTEC-AM1LS-NZ_V02 Datasheet
689Kb / 10P
1 Watt | DC-DC Converter
REV: 07/21/A
More results

Similar Description - AM1LS-NZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1DR-NZ AIMTEC-AM1DR-NZ Datasheet
104Kb / 2P
1 Watt | DC-DC Converter
AM1D-Z AIMTEC-AM1D-Z Datasheet
286Kb / 8P
1 Watt | DC-DC Converter
AM1MR-Z AIMTEC-AM1MR-Z Datasheet
346Kb / 3P
1 Watt | DC-DC Converter
AM1P-Z AIMTEC-AM1P-Z Datasheet
161Kb / 4P
1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ_13 Datasheet
221Kb / 2P
1 Watt | DC-DC Converter
AM1LS-NZ AIMTEC-AM1LS-NZ Datasheet
277Kb / 2P
1 Watt | DC-DC Converter
AM1M-NZ AIMTEC-AM1M-NZ_13 Datasheet
214Kb / 3P
1 Watt | DC-DC Converter
AM1SS-Z AIMTEC-AM1SS-Z_13 Datasheet
224Kb / 2P
1 Watt | DC-DC Converter
AM1DR-N-Z AIMTEC-AM1DR-N-Z Datasheet
249Kb / 2P
1 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com