Electronic Components Datasheet Search
  English  ▼

X  

AM1LS-NZ Datasheet(PDF) 7 Page - AIMTEC

Part # AM1LS-NZ
Description  1 Watt | DC-DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1LS-NZ Datasheet(HTML) 7 Page - AIMTEC

  AM1LS-NZ Datasheet HTML 1Page - AIMTEC AM1LS-NZ Datasheet HTML 2Page - AIMTEC AM1LS-NZ Datasheet HTML 3Page - AIMTEC AM1LS-NZ Datasheet HTML 4Page - AIMTEC AM1LS-NZ Datasheet HTML 5Page - AIMTEC AM1LS-NZ Datasheet HTML 6Page - AIMTEC AM1LS-NZ Datasheet HTML 7Page - AIMTEC AM1LS-NZ Datasheet HTML 8Page - AIMTEC AM1LS-NZ Datasheet HTML 9Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Series AM1LS-NZ
1 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC (924 6832)
F 051e R12.N
7 of 9
North America only
REV: 05/19/A
EMI Recommended Circuit for 5V input models (Class B)
Vin+
Vin-
Vo+
Vo-
Single
C1
C2
CY
LDM
6.8uH
4.7uF/
25V
4.7uF/
25V
C3
Vo+
Vo-
Com
C3
C4
Vin+
Vin-
Dual
C1
C2
CY
LDM
6.8uH
4.7uF/
25V
4.7uF/
25V
Vout
CY
3.3
-
5
-
9
-
12
1nF/2KVDC for 1.5KVDC isolation models
1nF/4KVDC for 3KVDC isolation models
15
24
EMI Recommended Circuit for other input models (Class B)
Vin+
Vin-
Vo+
Vo-
Single
C1
LDM
6.8uH
4.7uF/
50V
C2
Input Reflected Ripple Current Test Circuit
Vin+
Vin-
Vo+
Vo-
Single
C1
LDM
4.7uH
220uF
C2
Test Point
Load Accuracy Tolerance Graph
For AM1LS-0503S-NZ, AM1LS-0503SH30-NZ and AM1LS-0503SJZ
For other models
Tolerance Envelope Graph
Output Current (%)
10%
50%
100%
Nominal
Voltage
-12%
-5%
+2%
+5%
+12%
Typical Load Line
Tolerance Envelope Graph
Output Current (%)
10%
50%
100%
Nominal
Voltage
-7.5%
-2.5%
+2.5%
+5%
+10%
Typical Load Line



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com