Electronic Components Datasheet Search
  English  ▼

X  

1756970000 Datasheet(PDF) 2 Page - Weidmuller

Part # 1756970000
Description  S2L 3.5/22/180F3.5AU SW
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1756970000 Datasheet(HTML) 2 Page - Weidmuller

  1756970000 Datasheet HTML 1Page - Weidmuller 1756970000 Datasheet HTML 2Page - Weidmuller 1756970000 Datasheet HTML 3Page - Weidmuller 1756970000 Datasheet HTML 4Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 3.50 mm (0.138 inch) 2-row | Solder-
connection pin headers | S2L 3.5/180 | S2L 3.5/180F
- 2 -
Material data
Constant operating temp., min.
-25 °C
Constant operating temp., max.
100
Storage temperature, min.
-25 °C
Storage temperature, max.
55 °C
Max. relative humidity during storage
93 %
DIN IEC rating data
Rated current, min. No. pins (Tu=20°C)
10 A
Rated current, max. No. pins (Tu=20°C)
10 A
Rated current, min. No. pins(Tu=40°C)
9 A
Rated current, max. No. pins (Tu=40°C)
8.5 A
Rated voltage for overvoltage class/pollution
severity III/3
80 V
Rated impulse withstand voltage for overvoltage
class/pollution severity III/3
2.5 kV
Rated voltage for overvoltage class/pollution
severity III/2
125 V
Rated impulse withstand voltage for overvoltage
class/pollution severity III/2
2.5 kV
Rated voltage for overvoltage class/pollution
severity II/2
250 V
Rated impulse withstand voltage for overvoltage
class/pollution severity II/2
2.5 kV
Short-time withstand current resistance
3 x 1s with 77 A
CSA rating data
Rated voltage (Use group D)
50 V
Rated current (Use group D)
5 A
UL 1059 rating data
Rated voltage (Use group D)
150 V
Rated current (Use group D)
7 A
Approvals
Approvals institutes
Downloads
CAD Library (P-CAD Format - Standard)
S2L-SMT.LIB
Classifications
ETIM 2.0
NK
ETIM 3.0
EC001284
eClass 4.1
27-26-07-01
eClass 5.0
27-26-07-01
eClass 5.1
27-26-07-01



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com