Electronic Components Datasheet Search
  English  ▼

X  

1756970000 Datasheet(PDF) 3 Page - Weidmuller

Part # 1756970000
Description  S2L 3.5/22/180F3.5AU SW
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1756970000 Datasheet(HTML) 3 Page - Weidmuller

  1756970000 Datasheet HTML 1Page - Weidmuller 1756970000 Datasheet HTML 2Page - Weidmuller 1756970000 Datasheet HTML 3Page - Weidmuller 1756970000 Datasheet HTML 4Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 3.50 mm (0.138 inch) 2-row | Solder-
connection pin headers | S2L 3.5/180 | S2L 3.5/180F
- 3 -
Similar products
Order No.
Part designation
Version
1729430000
S2L 3.5/6/180F3.5SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 6, 180°, Box
1729590000
S2L 3.5/6/180F3.5SN SW
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 6, 180°, Box
1756960000
S2L 3.5/6/180F3.5AU OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 6, 180°, Box
1729440000
S2L 3.5/8/180F3.5SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 8, 180°, Box
1729600000
S2L 3.5/8/180F3.5SN SW
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 8, 180°, Box
1756970000
S2L 3.5/8/180F3.5AU OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 8, 180°, Box
1729450000
S2L 3.5/10/180F3.5SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 10, 180°, Box
1756980000
S2L 3.5/10/180F3.5AU OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 10, 180°, Box
1757140000
S2L 3.5/10/180F3.5AU SW
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 10, 180°, Box
1729460000
S2L 3.5/12/180F3.5SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 12, 180°, Box
1729620000
S2L 3.5/12/180F3.5SN SW
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 12, 180°, Box
1756990000
S2L 3.5/12/180F3.5AU OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 12, 180°, Box
1729470000
S2L 3.5/14/180F3.5SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 14, 180°, Box
1729630000
S2L 3.5/14/180F3.5SN SW
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 14, 180°, Box
1729480000
S2L 3.5/16/180F3.5SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 16, 180°, Box
1729640000
S2L 3.5/16/180F3.5SN SW
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 16, 180°, Box
1757170000
S2L 3.5/16/180F3.5AU SW
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 16, 180°, Box
1729490000
S2L 3.5/18/180F3.5SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 18, 180°, Box
1757020000
S2L 3.5/18/180F3.5AU OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 18, 180°, Box
1729500000
S2L 3.5/20/180F3.5SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 20, 180°, Box
1729660000
S2L 3.5/20/180F3.5SN SW
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 20, 180°, Box
1757030000
S2L 3.5/20/180F3.5AU OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 20, 180°, Box
1729510000
S2L 3.5/22/180F3.5SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 22, 180°, Box
1729520000
S2L 3.5/24/180F3.5SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 24, 180°, Box



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com