Electronic Components Datasheet Search
  English  ▼

X  

1756970000 Datasheet(PDF) 1 Page - Weidmuller

Part # 1756970000
Description  S2L 3.5/22/180F3.5AU SW
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1756970000 Datasheet(HTML) 1 Page - Weidmuller

  1756970000 Datasheet HTML 1Page - Weidmuller 1756970000 Datasheet HTML 2Page - Weidmuller 1756970000 Datasheet HTML 3Page - Weidmuller 1756970000 Datasheet HTML 4Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 3.50 mm (0.138 inch) 2-row | Solder-
connection pin headers | S2L 3.5/180 | S2L 3.5/180F
- 1 -
General ordering data
Order No.
1757200000
Part designation
S2L 3.5/22/180F3.5AU SW
Version
PCB plug-in connector, Male connectors, Soldered
connection, Pitch: 3.50 mm, No. of poles: 22,
180°, Box
EAN
4032248042999
Qty.
20 pc(s).
System parameters
Fitted to PCB
Soldered connection
Outgoing elbow
180°
Pitch
3.5 mm
Pitch in inch
0.138 inch
No. of poles
22
Solder pin length
3.5 mm
Can be coded
Yes
No. of rows
2
No. of solder pins per pole
1
Dia. of fitting hole
1.3 mm
Fitting hole tolerance
+ 0.1 mm
L1 in mm
35 mm
L1 in inch
1.378 inch
Electric shock protection to DIN VDE 0470
IP 10
Electric shock protection to DIN VDE 0470
Safe from back-of-hand touch
Material data
Insulating material
PBT
Colour
black
colour chart
Similar to RAL 9011
Insulating material group
IIIa
Flammability class UL 94
V-0
CTI
>= 200
Contact base material
Copper alloy
Contact surface
gold-plated


Similar Part No. - 1756970000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1756970000 WEIDMULLER-1756970000 Datasheet
93Kb / 4P
PCB connection systems
1756970000 WEIDMULLER-1756970000 Datasheet
93Kb / 4P
PCB connection systems
1756970000 WEIDMULLER-1756970000 Datasheet
360Kb / 5P
S2L 3.50/08/180F 3.5AU OR BX
More results

Similar Description - 1756970000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1728040000 WEIDMULLER-1728040000 Datasheet
97Kb / 4P
S2L 3.5/16/90G 3.5SN SW
1728630000 WEIDMULLER-1728630000 Datasheet
96Kb / 4P
S2L 3.5/6/90F 3.5SN SW
1728680000 WEIDMULLER-1728680000 Datasheet
96Kb / 4P
S2L 3.5/16/90F 3.5SN SW
1728950000 WEIDMULLER-1728950000 Datasheet
93Kb / 4P
S2L 3.5/6/180G3.5SN SW
1728960000 WEIDMULLER-1728960000 Datasheet
93Kb / 4P
S2L 3.5/8/180G3.5SN SW
1729000000 WEIDMULLER-1729000000 Datasheet
93Kb / 4P
S2L 3.5/16/180G3.5SN SW
1729020000 WEIDMULLER-1729020000 Datasheet
93Kb / 4P
S2L 3.5/20/180G3.5SN SW
1729590000 WEIDMULLER-1729590000 Datasheet
93Kb / 4P
S2L 3.5/6/180F3.5SN SW
1729640000 WEIDMULLER-1729640000 Datasheet
93Kb / 4P
S2L 3.5/16/180F3.5SN SW
1729660000 WEIDMULLER-1729660000 Datasheet
93Kb / 4P
S2L 3.5/20/180F3.5SN SW
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com