Electronic Components Datasheet Search
  English  ▼

X  

AT25SL1281C Datasheet(PDF) 76 Page - Renesas Technology Corp

Part # AT25SL1281C
Description  128-Mbit, 1.65 V – 1.95 V SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25SL1281C Datasheet(HTML) 76 Page - Renesas Technology Corp

Back Button AT25SL1281C Datasheet HTML 72Page - Renesas Technology Corp AT25SL1281C Datasheet HTML 73Page - Renesas Technology Corp AT25SL1281C Datasheet HTML 74Page - Renesas Technology Corp AT25SL1281C Datasheet HTML 75Page - Renesas Technology Corp AT25SL1281C Datasheet HTML 76Page - Renesas Technology Corp AT25SL1281C Datasheet HTML 77Page - Renesas Technology Corp AT25SL1281C Datasheet HTML 78Page - Renesas Technology Corp AT25SL1281C Datasheet HTML 79Page - Renesas Technology Corp AT25SL1281C Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 90 page
background image
DS-AT25SL/QL1281C-202 Rev. C
Page 76
Dec 9, 2025
© 2025 Renesas Electronics
AT25SL1281C / AT25QL1281C Datasheet
11.4 Power-Up Timing and Write Inhibit Threshold
Figure 72. Power-up Timing and Voltage Levels
Figure 73. Power-up Timing After Brown-Out
Table 30. Power-up Timing and Write Inhibit Threshold Parameters
Parameter
Symbol
Min
Max
Unit
VCC (min) to CS Low
tVSL
1.2
ms
Write Inhibit Threshold Voltage
VWI
11.4
V
VCC rise time (from 0 to VCC min).
tVR
6000
µs/V
VCC Minimum time duration below VPWDMAX to
guarantee reset.
tPWD
300
µs
VCC level below which a reset is guaranteed.
VPWDMAX
0.2
V
V
CC
V
CC min
V
WI
V
CC max
Time
t
VSL
Program and erase commands rejected
Device
in
Reset
Full operation permitted
V
CC
V
CC min
V
CC max
V
PWDMAX
Time
t
PWD
t
VSL
Full Operation Permitted
t
VR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com