Electronic Components Datasheet Search
  English  ▼

X  

AT25SL1281C Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # AT25SL1281C
Description  128-Mbit, 1.65 V – 1.95 V SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25SL1281C Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button AT25SL1281C Datasheet HTML 9Page - Renesas Technology Corp AT25SL1281C Datasheet HTML 10Page - Renesas Technology Corp AT25SL1281C Datasheet HTML 11Page - Renesas Technology Corp AT25SL1281C Datasheet HTML 12Page - Renesas Technology Corp AT25SL1281C Datasheet HTML 13Page - Renesas Technology Corp AT25SL1281C Datasheet HTML 14Page - Renesas Technology Corp AT25SL1281C Datasheet HTML 15Page - Renesas Technology Corp AT25SL1281C Datasheet HTML 16Page - Renesas Technology Corp AT25SL1281C Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 90 page
background image
DS-AT25SL/QL1281C-202 Rev. C
Page 13
Dec 9, 2025
© 2025 Renesas Electronics
AT25SL1281C / AT25QL1281C Datasheet
5.
Device Operation
Standard/Dual/Quad SPI mode, and QPI mode are exclusive; only one of these two modes can be active at any
given time.
5.1
Standard SPI Operation
The AT25SL1281C / AT25QL1281C features a serial peripheral interface on four signals: Serial Clock (SCK), Chip
Select (CS), Serial Data Input (SI) and Serial Data Output (SO). Standard SPI commands use the SI input pin to
serially write commands, addresses or data to the device on the rising edge of SCK. The SO output pin is used to
read data or status from the device on the falling edge of SCK.
SPI bus operation Modes 0 and 3 are supported. The primary difference between Mode 0 and Mode 3 concerns
the normal state of the SCK signal when the SPI bus master is in standby and data is not being transferred to the
Serial Flash. For Mode 0 the SCK signal is normally low on the falling and rising edges of CS. For Mode 3 the
SCK signal is normally high on the falling and rising edges of CS.
5.2
Dual SPI Operation
The AT25SL1281C / AT25QL1281C supports Dual SPI operation. This command allows data to be transferred to
or from the device at two times the rate of the standard SPI. The Dual Read command is ideal for quickly
downloading code to RAM upon power-up (code-shadowing) or for executing non-speed- critical code directly
from the SPI bus (XiP). When using Dual SPI commands the SI and SO pins become bidirectional I/0 pins; IO0
and IO1.
5.3
Quad SPI Operation
The AT25SL1281C / AT25QL1281C supports Quad SPI operation. This command allows data to be transferred
to or from the device at four times the rate of the standard SPI. The Quad Read command offers a significant
improvement in continuous and random access transfer rates allowing fast code- shadowing to RAM or execution
directly from the SPI bus (XiP). When using Quad SPI command the SI and SO pins become bidirectional IO0
and IO1, and the WP and HOLD pins become IO2 and IO3 respectively. Quad SPI commands require the non-
volatile Quad Enable bit (QE) in Status Register-2 to be set.
5.4
QPI Operation (4-4-4)
The AT25SL1281C / AT25QL1281C supports Quad Peripheral Interface (QPI) operation when the device is
switched from Standard/Dual/Quad SPI mode to QPI mode using the Enable QPI (38h) command. Before QPI
mode can be enabled, the Quad Enable bit (QE) in Status Register-2 must be set. When using QPI commands,
the SI and SO pins become bidirectional IO0 and IO1, and the WP and HOLD pins become IO2 and IO3,
respectively.
The typical SPI protocol requires the byte-long command code to be shifted into the device only through the SI pin
in eight serial clocks. The QPI mode uses all four I/O pins to input the command code; thus, only two serial clocks
are required to send it. This can significantly reduce the SPI command overhead and improve system
performance in an XiP environment. Address and data, if present in a command, are also sent over all four I/O
pins; hence, QPI mode is also known as “4-4-4.”
Standard/Dual/Quad SPI mode and QPI mode are exclusive. Only one of the two modes can be active at any
given time. The enable QPI (38h) and Disable QPI (FFh) commands are used to switch between these two
modes. On power-up, or after a software or hardware reset, the default state of the device is Standard/Dual/Quad
SPI mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com