Electronic Components Datasheet Search
  English  ▼

X  

AT25SL1281C Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # AT25SL1281C
Description  128-Mbit, 1.65 V – 1.95 V SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25SL1281C Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button AT25SL1281C Datasheet HTML 17Page - Renesas Technology Corp AT25SL1281C Datasheet HTML 18Page - Renesas Technology Corp AT25SL1281C Datasheet HTML 19Page - Renesas Technology Corp AT25SL1281C Datasheet HTML 20Page - Renesas Technology Corp AT25SL1281C Datasheet HTML 21Page - Renesas Technology Corp AT25SL1281C Datasheet HTML 22Page - Renesas Technology Corp AT25SL1281C Datasheet HTML 23Page - Renesas Technology Corp AT25SL1281C Datasheet HTML 24Page - Renesas Technology Corp AT25SL1281C Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 90 page
background image
DS-AT25SL/QL1281C-202 Rev. C
Page 21
Dec 9, 2025
© 2025 Renesas Electronics
AT25SL1281C / AT25QL1281C Datasheet
8.
Array Memory Protection
Table 8 and Table 9 detail the protection scheme for the Status Register Memory.
1. X = Don’t care.
Table 8. Status Register Memory Protection (CMP = 0)
Status Register Bits
Memory Protection
BP4
BP3
BP2
BP1
BP0
Addresses
Density
Portion
X
X
0
0
0
NONE
NONE
NONE
00
0
0
1
FC0000h - FFFFFFh
256 kB
Upper 1/64
00
0
1
0
F80000h - FFFFFFh
512 kB
Upper 1/32
0
0
0
1
1
F00000h - FFFFFFh
1 MB
Upper 1/16
0
0
1
0
0
E00000h - FFFFFFh
2MB
Upper 1/8
0
0
1
0
1
C00000h - FFFFFFh
4 MB
Upper 1/4
0
0
1
1
0
800000h - FFFFFFh
8 MB
Upper 1/2
0
1
0
0
1
000000h - 03FFFFh
256 kB
Lower 1/64
0
1
0
1
0
000000h - 07FFFFh
512 kB
Lower 1/32
0
1
0
1
1
000000h - 0FFFFFh
1 MB
Lower 1/16
0
1
1
0
0
000000h - 1FFFFFh
2 MB
Lower 1/8
0
1
1
0
1
000000h - 3FFFFFh
4 MB
Lower 1/4
0
1
1
1
0
000000h - 7FFFFFh
8 MB
Lower 1/2
X
X
1
1
1
000000h - FFFFFFh
16 MB
ALL
1
0
0
0
1
FFF000h - FFFFFFh
4 kB
Upper 1/4096
1
0
0
1
0
FFE000h - FFFFFFh
8 kB
Upper 1/2048
1
0
0
1
1
FFC000h - FFFFFFh
16 kB
Upper 1/1024
1
0
1
0
X
FF8000h - FFFFFFh
32 kB
Upper 1/512
1
0
1
1
0
FF8000h - FFFFFFh
32 kB
Upper 1/512
1
1
0
0
1
000000h - 000FFFh
4 kB
Lower 1/4096
1
1
0
1
0
000000h - 001FFFh
8 kB
Lower 1/2048
1
1
0
1
1
000000h - 003FFFh
16 kB
Lower 1/1024
1
1
1
0
X
000000h - 007FFFh
32 kB
Lower 1/512
1
1
1
1
0
000000h - 007FFFh
32 kB
Lower 1/512



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com