Electronic Components Datasheet Search
  English  ▼

X  

ADS5545 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5545
Description  11-BIT, 200 MSPS ADC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5545 Datasheet(HTML) 1 Page - Texas Instruments

  ADS5545 Datasheet HTML 1Page - Texas Instruments ADS5545 Datasheet HTML 2Page - Texas Instruments ADS5545 Datasheet HTML 3Page - Texas Instruments ADS5545 Datasheet HTML 4Page - Texas Instruments ADS5545 Datasheet HTML 5Page - Texas Instruments ADS5545 Datasheet HTML 6Page - Texas Instruments ADS5545 Datasheet HTML 7Page - Texas Instruments ADS5545 Datasheet HTML 8Page - Texas Instruments ADS5545 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
ADS5517
SLWS203 – DECEMBER 2007
www.ti.com
11-BIT, 200 MSPS ADC
• Clock Duty Cycle Stabilizer
• Maximum Sample Rate: 200 MSPS
• No External Reference Decoupling Required
• 11-Bit Resolution
• Internal and External Reference Support
• No Missing Codes
• Programmable Output Clock Position to Ease
Data Capture
• Total Power Dissipation 1.23 W
• 3.3-V Analog and Digital Supply
• Internal Sample and Hold
• 48-QFN Package (7 mm × 7 mm)
• 67-dBFS SNR at 70-MHz IF
• 84-dBc SFDR at 70-MHz IF, 0-dB Gain
• High Analog Bandwidth up to 800 MHz
• Wireless Communications Infrastructure
• Double Data Rate (DDR) LVDS and Parallel
• Software Defined Radio
CMOS Output Options
• Power Amplifier Linearization
• Programmable Gain up to 6 dB for SNR/SFDR
• 802.16d/e
Trade-Off at High IF
• Test and Measurement Instrumentation
• Reduced Power Modes at Lower Sample Rates
• High Definition Video
• Supports Input Clock Amplitude Down to
• Medical Imaging
400 mVPP
• Radar Systems
In a compact 48-pin QFN, the device offers fully
differential LVDS DDR (Double Data Rate) interface
while parallel CMOS outputs can also be selected.
ADS5517 is a high performance 11-bit, 200-MSPS
Flexible output clock position programmability is
A/D converter. It offers state-of-the art functionality
available to ease capture and trade-off setup for hold
and performance using advanced techniques to
times. At lower sampling rates, the ADC can be
minimize board space. With high analog bandwidth
operated at scaled down power with no loss in
and low jitter input clock buffer, the ADC supports
performance. The ADS5517 includes an internal
both high SNR and high SFDR at high input
reference, while eliminating the traditional reference
frequencies. It features programmable gain options
pins and associated external decoupling. The device
that can be used to improve SFDR performance at
also supports an external reference mode.
lower full-scale analog input ranges.
The
device
is
specified
over
the
industrial
temperature range (-40
°C to 85°C).
ADS5517 PRODUCT FAMILY
210 MSPS
190 MSPS
170 MSPS
14 bit
ADS5547
ADS5546
ADS5545
12 bit
ADS5527
-
ADS5525
ADS5517
11 bit
(200MSPS)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS5545

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5545 TI-ADS5545 Datasheet
381Kb / 8P
14-BITS, 170 MSPS ADC WITH LVDS/CMOS OUTPUTS
ADS5545 TI-ADS5545 Datasheet
1Mb / 57P
12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5545 TI-ADS5545 Datasheet
1Mb / 57P
14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5545 TI1-ADS5545 Datasheet
2Mb / 59P
14-BIT, 170 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5545IRGZ TI-ADS5545IRGZ Datasheet
381Kb / 8P
14-BITS, 170 MSPS ADC WITH LVDS/CMOS OUTPUTS
More results

Similar Description - ADS5545

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2553 TI-TLV2553 Datasheet
456Kb / 28P
12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
logo
Analog Devices
AD9230-11 AD-AD9230-11 Datasheet
755Kb / 28P
11-Bit, 200 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
logo
Linear Technology
LTC2222-11 LINER-LTC2222-11 Datasheet
586Kb / 24P
11-Bit, 105Msps ADC
logo
Texas Instruments
ADS62C17 TI-ADS62C17 Datasheet
3Mb / 68P
Dual Channel 11 Bit, 200 MSPS ADC With SNRBoost
ADS62C17 TI-ADS62C17_1 Datasheet
3Mb / 67P
Dual Channel 11 Bit, 200 MSPS ADC With SNRBoost
ADS4128 TI-ADS4128 Datasheet
1Mb / 61P
12-Bit, 200-MSPS, Ultralow-Power ADC
ADS4128 TI1-ADS4128_14 Datasheet
1Mb / 62P
12-Bit, 200-MSPS, Ultralow-Power ADC
logo
Linear Technology
LTC2222-11 LINER-LTC2222-11_15 Datasheet
591Kb / 24P
11-Bit, 105Msps ADC
logo
Texas Instruments
ADS4128 TI1-ADS4128_16 Datasheet
2Mb / 57P
12-Bit, 200-MSPS, Ultralow-Power ADC
logo
Analog Devices
AD9230-11 AD-AD9230-11_17 Datasheet
655Kb / 29P
11-Bit, 200 MSPS, 1.8 V Analog-to-Digital Converter
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com