Electronic Components Datasheet Search
  English  ▼

X  

ADS5545 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5545
Description  11-BIT, 200 MSPS ADC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5545 Datasheet(HTML) 30 Page - Texas Instruments

Back Button ADS5545 Datasheet HTML 26Page - Texas Instruments ADS5545 Datasheet HTML 27Page - Texas Instruments ADS5545 Datasheet HTML 28Page - Texas Instruments ADS5545 Datasheet HTML 29Page - Texas Instruments ADS5545 Datasheet HTML 30Page - Texas Instruments ADS5545 Datasheet HTML 31Page - Texas Instruments ADS5545 Datasheet HTML 32Page - Texas Instruments ADS5545 Datasheet HTML 33Page - Texas Instruments ADS5545 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 54 page
background image
www.ti.com
f
-InputFrequency-MHz
IN
SNR-dBFS
61.5
62.5
63.5
63.5
64.5
64.5
64.5
65.5
65.5
65.5
65.5
66.5
66.5
66.5
66.5
10
50
100
150
200
250
300
350
400
450
500
40
60
80
100
120
140
160
180
200
60
61
62
63
64
65
66
67
f
-InputFrequency-MHz
IN
f
-InputFrequency-MHz
IN
54
58
58
62
62
62
66
66
66
70
70
70
74
74
74
78
78
78
82
82
82
82
86
86
86
86
86
82
82
82
10
50
100
150
200
250
300
350
400
450
500
40
60
80
100
120
140
160
180
200
50
55
60
65
70
75
80
85
90
SFDR-dBc
ADS5517
SLWS203 – DECEMBER 2007
TYPICAL CHARACTERISTICS (continued)
All plots are at 25
°C, AVDD = DRVDD = 3.3 V, sampling frequency = 200 MSPS, sine wave input clock, 1.5 V
PP differential
clock amplitude, 50% clock duty cycle, –1 dBFS differential analog input, internal reference mode, 0 dB gain, DDR LVDS data
output (unless otherwise noted)
Figure 31. SNR Contour in dBFS
Figure 32. SFDR Contour in dBc
30
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): ADS5517



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com