Electronic Components Datasheet Search
  English  ▼

X  

ADS5545 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5545
Description  11-BIT, 200 MSPS ADC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5545 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS5545 Datasheet HTML 17Page - Texas Instruments ADS5545 Datasheet HTML 18Page - Texas Instruments ADS5545 Datasheet HTML 19Page - Texas Instruments ADS5545 Datasheet HTML 20Page - Texas Instruments ADS5545 Datasheet HTML 21Page - Texas Instruments ADS5545 Datasheet HTML 22Page - Texas Instruments ADS5545 Datasheet HTML 23Page - Texas Instruments ADS5545 Datasheet HTML 24Page - Texas Instruments ADS5545 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
www.ti.com
ADS5517
SLWS203 – DECEMBER 2007
D4 — D2
<CLKOUT TERM> LVDS internal termination for output
clock pin (CLKOUT)
000
No internal termination
001
325
Ω
010
200
Ω
011
125
Ω
100
170
Ω
101
120
Ω
110
100
Ω
111
75
Ω
D7 — D5
<DATA TERM> LVDS internal termination for output data
pins
000
No internal termination
001
325
Ω
010
200
Ω
011
125
Ω
100
170
Ω
101
120
Ω
110
100
Ω
111
75
Ω
Table 18. Serial Register J
A7 – A0
D7
D6
D5
D4
D3
D2
D1
D0
<CURR DOUBLE> LVDS
7F
CURRENT DOUBLE
D7 — D6
<CURR DOUBLE> LVDS buffer current double
00
Value specified by <LVDS CURR>
01
2x data, 2x clockout currents
10
1x data, 2x clockout currents
11
2x data, 4x clockout currents
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): ADS5517



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com