Electronic Components Datasheet Search
  English  ▼

X  

LM7311 Datasheet(PDF) 21 Page - Texas Instruments

Part # LM7311
Description  LM7311 3.5V–23V, 33mΩ, 5A eFuse With True Reverse Current blocking
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM7311 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM7311 Datasheet HTML 17Page - Texas Instruments LM7311 Datasheet HTML 18Page - Texas Instruments LM7311 Datasheet HTML 19Page - Texas Instruments LM7311 Datasheet HTML 20Page - Texas Instruments LM7311 Datasheet HTML 21Page - Texas Instruments LM7311 Datasheet HTML 22Page - Texas Instruments LM7311 Datasheet HTML 23Page - Texas Instruments LM7311 Datasheet HTML 24Page - Texas Instruments LM7311 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
Figure 8-6. Two Devices, Active ORing Configuration
The linear ORing mechanism in LM7311 maintain that there's no reverse current flowing from one power source
to the other during fast or slow ramp of either supply.
The following waveform illustrates the active ORing behavior when the supply rails are being ramped up
sequentially.
Figure 8-7. Active ORing Response
When the bus voltages (IN1 and IN2) are matched, device in each path sees a forward voltage drop and is
ON delivering the load current. During this period, current is shared between the rails in the ratio of differential
voltage drop across each device.
In addition to supply ORing, the devices protect the system from overvoltage, excessive inrush current, overload
and short-circuit faults at all times.
Note
ORing can be done either between two similar rails or between dissimilar rails. For ORing cases with
skewed voltage combinations, the dVdt pin capacitor rating must be chosen based on the highest of
the 2 supplies. Refer to Recommended Operating Conditions table for more details.
www.ti.com
LM7311
SLVSKK8 – AUGUST 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: LM7311



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com