Electronic Components Datasheet Search
  English  ▼

X  

LM7311 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM7311
Description  LM7311 3.5V–23V, 33mΩ, 5A eFuse With True Reverse Current blocking
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM7311 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM7311 Datasheet HTML 8Page - Texas Instruments LM7311 Datasheet HTML 9Page - Texas Instruments LM7311 Datasheet HTML 10Page - Texas Instruments LM7311 Datasheet HTML 11Page - Texas Instruments LM7311 Datasheet HTML 12Page - Texas Instruments LM7311 Datasheet HTML 13Page - Texas Instruments LM7311 Datasheet HTML 14Page - Texas Instruments LM7311 Datasheet HTML 15Page - Texas Instruments LM7311 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
7.3 Feature Description
The LM7311 eFuse is a compact, feature rich power management device that provides detection, protection and
indication in the event of system faults. .
7.3.1 Undervoltage Lockout (UVLO and UVP)
The LM7311 implements undervoltage protection on IN in case the applied voltage becomes too low for the
system or device to properly operate. The undervoltage protection has a default lockout threshold of VUVP
which is fixed internally. Apart from that, the UVLO comparator on the EN/UVLO pin allows the undervoltage
Protection threshold to be externally adjusted to a user defined value. The Figure 7-1 and Equation 1 below
show how a resistor divider can be used to set the UVLO set point for a given voltage supply
IN
EN/UVLO
GND
Power
Supply
R1
R2
Figure 7-2. Adjustable Undervoltage Protection
VIN(UV)  = VUVLO(F) × R1 + R2R2 
(1)
7.3.2 Overvoltage Lockout (OVLO)
The LM7311 implements a fixed overvoltage lockout to protect the load from input overvoltage conditions. Once
the voltage at the VIN pin crosses the OVLO rising threshold VOV(R), the device turns off the power to the
output after tOVLOdeb debounce time.
Once the device turns off its latched off till a EN cycle is applied for it to start again
The device employs additional protection mechanism of VDS CLAMP in the event of the device VIN voltage
exceeding the VDSCLAMP activation threshold. Here the device partially turns on to protect itself from VDS
(VIN-VOUT) absmax violation by charging the output to VOCLAMP voltage. This protection helps the device
self-protect during transient surges if the TVS diode is unable to clamp the surge below the device VDS absmax.
7.3.3 Inrush Current, Overcurrent, and Short Circuit Protection
LM7311 incorporates four mechanisms to handle overcurrent:
1. Adjustable slew rate (dVdt) for inrush current control durint start-up.
2. Fixed Current limit (ILIM) during overcurrent in start-up.
3. Fixed threshold (ISFT) for fast-trip response to quickly protect against hard output short-circuits during
startup.
4. Fixed threshold (IFFT) for fast-trip response to quickly protect against hard output short-circuits during steady-
state.
7.3.3.1 Slew Rate (dVdt) and Inrush Current Control
During hot-plug events or while trying to charge a large output capacitance at start-up, there can be a large
inrush current. If the inrush current is not managed properly, it can damage the input connectors and/or cause
the system power supply to droop leading to unexpected restarts elsewhere in the system. The inrush current
during turn on is directly proportional to the load capacitance and rising slew rate.
LM7311
SLVSKK8 – AUGUST 2026
www.ti.com
12
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: LM7311



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com