Electronic Components Datasheet Search
  English  ▼

X  

LM7311 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM7311
Description  LM7311 3.5V–23V, 33mΩ, 5A eFuse With True Reverse Current blocking
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM7311 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM7311 Datasheet HTML 9Page - Texas Instruments LM7311 Datasheet HTML 10Page - Texas Instruments LM7311 Datasheet HTML 11Page - Texas Instruments LM7311 Datasheet HTML 12Page - Texas Instruments LM7311 Datasheet HTML 13Page - Texas Instruments LM7311 Datasheet HTML 14Page - Texas Instruments LM7311 Datasheet HTML 15Page - Texas Instruments LM7311 Datasheet HTML 16Page - Texas Instruments LM7311 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
Equation 2 can be used to find the slew rate (SR) required to limit the inrush current (IINRUSH) for a given load
capacitance (COUT):
IINRUSH (mA) = COUT (µF) × SRON (V/ms)
(2)
A capacitor can be connected to the dVdt pin to control the rising slew rate and lower the inrush current during
turn on. The required CdVdt capacitance to produce a given slew rate can be calculated using the equation:
SRON(V/ms) = GDVDT(V/V)xIDVDT(uA)
CDVDT(uF)
(3)
The fastest output slew rate is achieved by leaving the dVdt pin open.
7.3.3.2 Short-Circuit Protection
During certain system faults, the current through the device can increase very rapidly. In such events, the device
provides fast-trip response with a fixed thresholds IFFT during steady state and ISFTduring start-up. Once the
current exceeds the thresholds, the HFET is turned off completely within tSC. Thereafter, the devices tries to
turn the HFET back on after a short de-glitch interval (30μs) in a current limited manner instead of a dVdt limited
manner. This ensures that the HFET has a faster recovery after a transient overcurrent event and minimizes
the output voltage droop. However, if the fault is persistent, the device stays in current limit causing the junction
temperature to rise and eventually enter thermal shutdown. See Overtemperature Protection (OTP) section for
details on the device response to overtemperature.
7.3.3.3 Current Limit in Start-up
The LM7311x responds to overcurrent condition in start-up by limiting the current to a fixed limit of ILIM if the
output current set by the DVDT capacitor exceeds ILIM but stays below the ISFT(2 x ILIM). The current limit
circuit employs a foldback mechanism. The current limit threshold in the foldback region (0V < VOUT < VFB) is
lower than the startup-up current limit threshold (ILIM). During this period if the resulting device power dissipation
results in the internal device temperature (TJ to exceed the thermal shutdown threshold(TSD), the device shuts
off due to TSD fault. The FLTb pin is asserted during the TSD fault. In the latched off version it will stay
latched off or restart after the fixed delay (tTSD,RST) once the device cools down sufficiently below the TSD
Hysterisis(TSDHYS) level.
7.3.4 Analog Load Current Monitor
The device allows the system to accurately monitor the output load current by providing an analog current sense
output on the IMON pin which is proportional to the current through the FET. The user can sense the voltage
(VIMON) across the RIMON to get a measure of the output load current.
ILOAD (A) =  VIMON (µV)
RILM (Ω) × GIMON (µA/A)
(4)
www.ti.com
LM7311
SLVSKK8 – AUGUST 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: LM7311



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com