Electronic Components Datasheet Search
  English  ▼

X  

TSH340ID Datasheet(PDF) 6 Page - STMicroelectronics

Part # TSH340ID
Description  320MHz Single Supply Video Buffer with Low In/Out Rail
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH340ID Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TSH340ID Datasheet HTML 2Page - STMicroelectronics TSH340ID Datasheet HTML 3Page - STMicroelectronics TSH340ID Datasheet HTML 4Page - STMicroelectronics TSH340ID Datasheet HTML 5Page - STMicroelectronics TSH340ID Datasheet HTML 6Page - STMicroelectronics TSH340ID Datasheet HTML 7Page - STMicroelectronics TSH340ID Datasheet HTML 8Page - STMicroelectronics TSH340ID Datasheet HTML 9Page - STMicroelectronics TSH340ID Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TSH340
Electrical Characteristics
6/13
Figure 13. Isource
Figure 14. Bandwidth vs. temperature
Figure 15. Output offset vs. temperature
0,0
0,5
1,0
1,5
2,0
2,5
3,0
3,5
4,0
4,5
5,0
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
+5V
0V
VOH
without load
V
Isource
+3V
V (V)
-40
-20
0
20406080
100
150
200
250
300
350
400
450
500
Vcc=5V
Load=150
Ω
Temperature (°C)
-40
-20
0
20406080
-5
-4
-3
-2
-1
0
Vcc=5V
Load=150
Ω
Temperature (°C)
Figure 16. Reverse isolation vs. frequency
Figure 17. Voltage gain vs. temperature
Figure 18. Ibias vs. temperature
1M
10M
100M
1G
-100
-80
-60
-40
-20
0
Small Signal
Vcc=5V
Load=100
Ω
Frequency (Hz)
-40
-20
0
2040
6080
1,95
1,96
1,97
1,98
1,99
2,00
2,01
2,02
2,03
2,04
2,05
Output: short-circuit
Vcc=5V
Temperature (°C)
-40
-20
0
2040
6080
3,0
3,5
4,0
4,5
5,0
5,5
6,0
6,5
7,0
Vcc=5V
Load=150
Ω
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com