Electronic Components Datasheet Search
  English  ▼

X  

TSH340ID Datasheet(PDF) 10 Page - STMicroelectronics

Part # TSH340ID
Description  320MHz Single Supply Video Buffer with Low In/Out Rail
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH340ID Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TSH340ID Datasheet HTML 5Page - STMicroelectronics TSH340ID Datasheet HTML 6Page - STMicroelectronics TSH340ID Datasheet HTML 7Page - STMicroelectronics TSH340ID Datasheet HTML 8Page - STMicroelectronics TSH340ID Datasheet HTML 9Page - STMicroelectronics TSH340ID Datasheet HTML 10Page - STMicroelectronics TSH340ID Datasheet HTML 11Page - STMicroelectronics TSH340ID Datasheet HTML 12Page - STMicroelectronics TSH340ID Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
TSH340
Using the TSH340 to Drive Video Signals
10/13
5 Using the TSH340 to Drive Video Signals
Figure 24. Implementation of the video driver on output video DACs
Synchronization Tip
0 IRE
Black Level
Image Content
30 IRE
White Level
100 IRE
1Vp-p
300mV
0V
125mV
Synchronization Tip
0 IRE
Black Level
Image Content
30 IRE
White Level
100 IRE
1Vp-p
300mV
0V
125mV
VOL(100MHz) = 180mV (Figure 8)
To drive the video signal properly, the output of the driver must be at least equal to 250mV
(assuming VOS and VOL variations).
1st solution:
Set the video DAC 0-IRE output level to 125mV.
2nd solution:
Implementation of a DC component in the input of the driver.
+5V
1.125V
125mV
time
Volt
75
Ω
75
Ω Cable
75
Ω
1Vpp
2Vpp
1Vpp
Video
DAC
2.250V
time
Volt
6dB
LPF
Reconstruction
Filtering
250mV
Video
Signal
Video
Signal
+5V
1.125V
125mV
time
Volt
1.125V
125mV
time
1.125V
125mV
time
Volt
75
Ω
75
Ω Cable
75
Ω
1Vpp
1Vpp
2Vpp
1Vpp
1Vpp
Video
DAC
2.250V
time
Volt
6dB
LPF
Reconstruction
Filtering
250mV
Video
Signal
Video
Signal
33uF
+5V
1.125V
125mV
time
Volt
75
Ω
75
Ω Cable
75
Ω
1Vpp
2Vpp
1Vpp
Video
DAC
2.250V
time
Volt
6dB
LPF
Reconstruction
Filtering
250mV
1k
DC component
=125mV
Video
Signal
Video
Signal
33uF
+5V
1.125V
125mV
time
Volt
1.125V
125mV
time
1.125V
125mV
time
Volt
75
Ω
75
Ω Cable
75
Ω
1Vpp
1Vpp
2Vpp
1Vpp
1Vpp
Video
DAC
2.250V
time
Volt
6dB
LPF
Reconstruction
Filtering
250mV
1k
DC component
=125mV
Video
Signal
Video
Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com