Electronic Components Datasheet Search
  English  ▼

X  

TSH340ID Datasheet(PDF) 8 Page - STMicroelectronics

Part # TSH340ID
Description  320MHz Single Supply Video Buffer with Low In/Out Rail
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH340ID Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TSH340ID Datasheet HTML 4Page - STMicroelectronics TSH340ID Datasheet HTML 5Page - STMicroelectronics TSH340ID Datasheet HTML 6Page - STMicroelectronics TSH340ID Datasheet HTML 7Page - STMicroelectronics TSH340ID Datasheet HTML 8Page - STMicroelectronics TSH340ID Datasheet HTML 9Page - STMicroelectronics TSH340ID Datasheet HTML 10Page - STMicroelectronics TSH340ID Datasheet HTML 11Page - STMicroelectronics TSH340ID Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
TSH340
Evaluation Boards
8/13
3 Evaluation Boards
An evaluation board kit optimized for high-speed operational amplifiers is available (order code:
KITHSEVAL/STDL). The kit includes the following evaluation boards, as well as a CD-ROM containing
datasheets, articles, application notes and a user manual:
SOT23_SINGLE_HF BOARD: Board for the evaluation of a single high-speed op-amp in SOT23-5
package.
SO8_SINGLE_HF: Board for the evaluation of a single high-speed op-amp in SO8 package.
SO8_DUAL_HF: Board for the evaluation of a dual high-speed op-amp in SO8 package.
SO8_S_MULTI: Board for the evaluation of a single high-speed op-amp in SO8 package in inverting
and non-inverting configuration, dual and signle supply.
SO14_TRIPLE: Board for the evaluation of a triple high-speed op-amp in SO14 package with video
application considerations.
Board material:
2 layers
FR4 (
εr=4.6)
epoxy 1.6mm
copper thickness: 35µm
Figure 22: Evaluation kit for high speed op-amps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com