Electronic Components Datasheet Search
  English  ▼

X  

AS3336G Datasheet(PDF) 20 Page - Analog Microelectronics

Part # AS3336G
Description  Precision Multiple Analog Switches
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AS3336G Datasheet(HTML) 20 Page - Analog Microelectronics

Back Button AS3336G Datasheet HTML 16Page - Analog Microelectronics AS3336G Datasheet HTML 17Page - Analog Microelectronics AS3336G Datasheet HTML 18Page - Analog Microelectronics AS3336G Datasheet HTML 19Page - Analog Microelectronics AS3336G Datasheet HTML 20Page - Analog Microelectronics AS3336G Datasheet HTML 21Page - Analog Microelectronics AS3336G Datasheet HTML 22Page - Analog Microelectronics AS3336G Datasheet HTML 23Page - Analog Microelectronics AS3336G Datasheet HTML 24Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
AME, Inc.
20
Precision Multiple Analog Switches
AS3336G
Rev. A.02
n Typical Performance Characteristic
PHASE4 toff
Spec.
Min
Max
Measured
Result
-
180ns
46ns
Pass
Waveform
CH1
-
CH2
PWM4
CH3
PHASE4
CH4
-
5. Break-Before-Make Delay, t
open Test
t
open Test Circuit
C
A
B
PWM1,2,3,4
PHASE1,2,3,4
33pF
300Ohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com