Electronic Components Datasheet Search
  English  ▼

X  

AS3336G Datasheet(PDF) 14 Page - Analog Microelectronics

Part # AS3336G
Description  Precision Multiple Analog Switches
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AS3336G Datasheet(HTML) 14 Page - Analog Microelectronics

Back Button AS3336G Datasheet HTML 10Page - Analog Microelectronics AS3336G Datasheet HTML 11Page - Analog Microelectronics AS3336G Datasheet HTML 12Page - Analog Microelectronics AS3336G Datasheet HTML 13Page - Analog Microelectronics AS3336G Datasheet HTML 14Page - Analog Microelectronics AS3336G Datasheet HTML 15Page - Analog Microelectronics AS3336G Datasheet HTML 16Page - Analog Microelectronics AS3336G Datasheet HTML 17Page - Analog Microelectronics AS3336G Datasheet HTML 18Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
AME, Inc.
14
Precision Multiple Analog Switches
AS3336G
Rev. A.02
n Typical Performance Characteristic
3. R
ON Test
5V
0V~12V
S
D
Vx
Ids=10mA
Ron=Vx/Ids
DC Load
R
ON Test Circuit
0
5
10
15
20
25
30
35
40
45
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
7.5
8
8.5
9
9.5
10
10.5
11
11.5 12
PHASB-PHAS2 (Ohm)
PHASF-PHAS2 (Ohm)
VD,VS(V)
Ron(Ohm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com