Electronic Components Datasheet Search
  English  ▼

X  

AS3336G Datasheet(PDF) 8 Page - Analog Microelectronics

Part # AS3336G
Description  Precision Multiple Analog Switches
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AS3336G Datasheet(HTML) 8 Page - Analog Microelectronics

Back Button AS3336G Datasheet HTML 4Page - Analog Microelectronics AS3336G Datasheet HTML 5Page - Analog Microelectronics AS3336G Datasheet HTML 6Page - Analog Microelectronics AS3336G Datasheet HTML 7Page - Analog Microelectronics AS3336G Datasheet HTML 8Page - Analog Microelectronics AS3336G Datasheet HTML 9Page - Analog Microelectronics AS3336G Datasheet HTML 10Page - Analog Microelectronics AS3336G Datasheet HTML 11Page - Analog Microelectronics AS3336G Datasheet HTML 12Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
AME, Inc.
8
Precision Multiple Analog Switches
AS3336G
Rev. A.02
n Specifications
SINGLE SUPPLY
V=+12V, GND=0V, unless otherwise noted
1.Guaranteed by design: not subject to production test.
Parameter
+25°C
–40°C to +85°C
Unit
Test Conditions /
Comments
ANALOG SWITCH
Analog Signal Range
-0.3 V to VDD +0.3
V
RON
35
Ω typ
VD = 1V, 10V, IS = -1mA
75
Ω max
LEAKAGE CURRENTS
1
Source OFF leakage IS (OFF)
3.5
nA typ
3.5
5
nA max
Channel ON Leakage ID, IS (ON)
3.5
nA typ
3.5
5
nA max
Logic Leakage ILogic
1
μA max
DIGITAL INPUTS
Input High Voltage, VINH
2.6
V min
Input Low Voltage, VINL
0.8
V max
Input Current
IINL or IINH
±0.005
μA typ
VIN = 0 V or VDD
±0.5
μA max
DYNAMIC CHARACTERISTICS
1
tON
110
ns typ
RL = 300 Ω , CL = 35 pF
200
ns max
VS = 8 V ;
tOFF
100
ns typ
RL = 300 Ω, CL = 35 pF
180
ns max
VS = 8 V ;
Break-Before-Make Delay, tOPEN
10
ns min
RL = 300 Ω, CL = 35 pF
ns min
VS = 5 V ;
Charge Injection
1
5
pC typ
OFF Isolation
1
72
dB typ
Channel-to-Channel Crosstalk
1
85
dB typ
CS (OFF)
1
12
pF typ
CD, CS (ON)
1
25
pF typ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com