Electronic Components Datasheet Search
  English  ▼

X  

TSH340IDT Datasheet(PDF) 2 Page - STMicroelectronics

Part # TSH340IDT
Description  320MHz Single Supply Video Buffer with Low In/Out Rail
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH340IDT Datasheet(HTML) 2 Page - STMicroelectronics

  TSH340IDT Datasheet HTML 1Page - STMicroelectronics TSH340IDT Datasheet HTML 2Page - STMicroelectronics TSH340IDT Datasheet HTML 3Page - STMicroelectronics TSH340IDT Datasheet HTML 4Page - STMicroelectronics TSH340IDT Datasheet HTML 5Page - STMicroelectronics TSH340IDT Datasheet HTML 6Page - STMicroelectronics TSH340IDT Datasheet HTML 7Page - STMicroelectronics TSH340IDT Datasheet HTML 8Page - STMicroelectronics TSH340IDT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TSH340
Absolute Maximum Ratings
2/13
1 Absolute Maximum Ratings
Table 1.
Key parameters and their absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage 1
1)
All voltage values, except differential voltage, are with respect to network terminal.
6V
Vin
Input Voltage Range 2
2)
The magnitude of input and output voltage must never exceed VCC +0.3V.
-0.2 to +3
V
Toper
Operating Free Air Temperature Range
-40 to +85
°C
Tstd
Storage Temperature
-65 to +150
°C
Tj
Maximum Junction Temperature
150
°C
Rthjc
Thermal Resistance Junction to Case
SOT23-5
SO8
80
75
°C/W
Rthja
Thermal Resistance Junction to Ambient Area
SOT23-5
SO8
250
175
°C/W
Pmax.
Maximum Power Dissipation (@Ta=25°C) for Tj=150°C
SOT23-5
SO8
500
715
mW
ESD
CDM: Charged Device Model
HBM: Human Body Model
MM: Machine Model
2
1.5
200
kV
kV
V
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
Power Supply Voltage
3 to 5.51
1)
Tested in full production at 0V/5V single power supply
V
Vicm
Common Mode Input Voltage
-0.4 to 3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com