Electronic Components Datasheet Search
  English  ▼

X  

TSH340IDT Datasheet(PDF) 3 Page - STMicroelectronics

Part # TSH340IDT
Description  320MHz Single Supply Video Buffer with Low In/Out Rail
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH340IDT Datasheet(HTML) 3 Page - STMicroelectronics

  TSH340IDT Datasheet HTML 1Page - STMicroelectronics TSH340IDT Datasheet HTML 2Page - STMicroelectronics TSH340IDT Datasheet HTML 3Page - STMicroelectronics TSH340IDT Datasheet HTML 4Page - STMicroelectronics TSH340IDT Datasheet HTML 5Page - STMicroelectronics TSH340IDT Datasheet HTML 6Page - STMicroelectronics TSH340IDT Datasheet HTML 7Page - STMicroelectronics TSH340IDT Datasheet HTML 8Page - STMicroelectronics TSH340IDT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Electrical Characteristics
TSH340
3/13
2 Electrical Characteristics
Table 3.
VCC = +5V, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
DC Performance
VOS
Output Offset Voltage1
1)
Output Offset Voltage is determined from the following expression:
VOUT =G.VIN+VOS
no Load, Tamb
-30
-5
+30
mV
-40°C < Tamb < +85°C
-6.8
Iib
Input Bias Current
Tamb, Vicm=0.6V
616
µA
-40°C < Tamb < +85°C
7.2
PSR
Power Supply Rejection Ratio
20 log (
∆V
cc/∆Vout)
∆V
cc=200mVp-p, F=1MHz
-90
dB
ICC
Total Supply Current
no Load, Vin=100mV
9.8
12.8
mA
G
DC Voltage Gain
RL = 150
Ω
1.95
2
2.05
V/V
Rin
Input Resistance
Tamb
8M
Ω
Cin
Input Capacitance
Tamb
3.2
pF
Dynamic Performance and Output Characteristics
Bw
-3dB Bandwidth
Small Signal Vout=20mVp
Vicm=0.6V, RL = 150Ω
190
320
MHz
Gain Flatness @ 0.1dB
Small Signal Vout=20mVp
Vicm=0.6V, RL = 150Ω
63
FPBW
Full Power Bandwidth
Vicm=0.6V, VOUT = 2Vp-p,
RL = 150Ω
130
200
MHz
SR
Slew Rate
Vicm=0.6V, VOUT = 2Vp-p,
RL = 150Ω
780
V/
µs
VOH
High Level Output Voltage
RL = 150Ω
3.7
3.9
V
VOL
Low Level Output Voltage
RL = 150Ω
40
60
mV
IOUT
Output Short Circuit Current (Isource)
Tamb
100
mA
-40°C < Tamb < +85°C
90
Output Current
Vout=2Vp, Tamb
45
87
mA
Noise and Distortion
eN
Equivalent Input Noise Voltage
F = 100kHz
7
nV/
√Hz
iN
Equivalent Input Noise Current
F = 100kHz
1.5
pA/
√Hz
HD2
2nd Harmonic Distortion
VOUT = 2Vp-p, RL = 150Ω
F= 10MHz,
-85
dBc
HD3
3rd Harmonic Distortion
VOUT = 1Vp-p, RL = 150Ω
F= 10MHz,
-75
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com