Electronic Components Datasheet Search
  English  ▼

X  

TSH340IDT Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSH340IDT
Description  320MHz Single Supply Video Buffer with Low In/Out Rail
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH340IDT Datasheet(HTML) 4 Page - STMicroelectronics

  TSH340IDT Datasheet HTML 1Page - STMicroelectronics TSH340IDT Datasheet HTML 2Page - STMicroelectronics TSH340IDT Datasheet HTML 3Page - STMicroelectronics TSH340IDT Datasheet HTML 4Page - STMicroelectronics TSH340IDT Datasheet HTML 5Page - STMicroelectronics TSH340IDT Datasheet HTML 6Page - STMicroelectronics TSH340IDT Datasheet HTML 7Page - STMicroelectronics TSH340IDT Datasheet HTML 8Page - STMicroelectronics TSH340IDT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TSH340
Electrical Characteristics
4/13
Figure 1. Frequency response
Figure 2. Gain flatness - SOT23-5
Figure 3. Total input noise vs. frequency
1M
10M
100M
-16
-14
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
14
16
Vcc=5V
Load=100 or 150
Ω
SO8 and SOT23-5
Frequency (Hz)
1M
10M
100M
5,0
5,2
5,4
5,6
5,8
6,0
6,2
6,4
6,6
6,8
7,0
Load=150
Ω
Load=100
Ω
Vcc=5V
Frequency (Hz)
100
1k
10k
100k
1M
10M
10
100
non-inverting input in short-circuit
Vcc=5V
Frequency (Hz)
Figure 4. Frequency response on capa-load
Figure 5. Gain flatness - SO8
Figure 6. Positive and negative slew rate
1M
10M
100M
-20
-10
0
10
20
C=47pF
Riso=15
Ω
C=22pF
Riso=22
Ω
C=10pF
Riso=22
Ω
C=1pF
Riso=0
C=0
Riso=0
Vcc=5V
Load=Riso + C//1k
Ω (to ground)
Frequency (Hz)
1M
10M
100M
5,0
5,2
5,4
5,6
5,8
6,0
6,2
6,4
6,6
6,8
7,0
Load=150
Ω
Load=100
Ω
Vcc=5V
Frequency (Hz)
-5ns
-4ns
-3ns
-2ns
-1ns
0s
1ns
2ns
3ns
4ns
5ns
0,0
0,5
1,0
1,5
2,0
2,5
3,0
SR-
SR+
Vcc=5V
Load=100
Ω or 150Ω
Time (ns)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com