Electronic Components Datasheet Search
  English  ▼

X  

3RF20 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # 3RF20
Description  Controls - Solid-State Switching Devices
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

3RF20 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  3RF20 Datasheet HTML 1Page - Siemens Semiconductor Group 3RF20 Datasheet HTML 2Page - Siemens Semiconductor Group 3RF20 Datasheet HTML 3Page - Siemens Semiconductor Group 3RF20 Datasheet HTML 4Page - Siemens Semiconductor Group 3RF20 Datasheet HTML 5Page - Siemens Semiconductor Group 3RF20 Datasheet HTML 6Page - Siemens Semiconductor Group 3RF20 Datasheet HTML 7Page - Siemens Semiconductor Group 3RF20 Datasheet HTML 8Page - Siemens Semiconductor Group 3RF20 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Controls — Solid-State Switching Devices
Introduction
4/2
Siemens LV 1 · 2006
■Overview
3RF21
3RF20
3RF23
3RF29
Order No.
Page
SIRIUS SC solid-state switching devices
Solid-state relays
22.5 mm solid-state relays,
45 mm solid-state relays
• Widths of 22.5 mm and 45 mm
• Compact and space-saving design
• "Zero-point switching" version
• Mounting onto existing heat sinks
3RF21,
3RF20
4/7
4/10
Solid-state contactors
Solid-state contactors
• Complete unit comprising a solid-state relay and an optimized heat
sink, "ready to use"
• Compact and space-saving design
• Versions for resistive loads "zero-point switching" and inductive
loads "instantaneous switching"
• Special designs "Low Noise" and "Short-Circuit Resistant"
3RF23
4/11
Function modules
For extending the functionality of the 3RF21 solid-state relays and
the 3RF23 solid-state contactors for many different applications:
Converters
• For converting an analog input signal into an on/off ratio
3RF29 00-0EA18
4/22
Load monitoring
• For load monitoring of one or more loads (partial loads)
3RF29 20-0FA08,
3RF29 .0-0GA..
4/23
Heating current monitoring
• For load monitoring of one or more loads (partial loads)
3RF29 ..-0JA..
4/23
Power controllers
• For supplying the current by means of a solid-state switching
device depending on a setpoint value
Closed-loop control: Full wave control or generalized phase control
3RF29 .0-0HA..
4/24


Similar Part No. - 3RF20

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
3RF2310-1AA04 SIEMENS-3RF2310-1AA04 Datasheet
259Kb / 6P
SEMICOND. CONTACTOR 3RF2, 1-PH. AC 51 10 A 40 DEGREES C 48-460 V / 24 V DC SCREW TERMINAL
More results

Similar Description - 3RF20

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
P1900ME TECCOR-P1900ME Datasheet
1Mb / 212P
solid state crowbar devices
logo
List of Unclassifed Man...
SN76477 ETC1-SN76477 Datasheet
357Kb / 4P
Solid State
logo
Hongfa Technology
HFS41 HONGFA-HFS41 Datasheet
58Kb / 3P
SOLID STATE RELAY
logo
Unity Opto Technology
MVL-514HB UOT-MVL-514HB Datasheet
38Kb / 2P
SOLID STATE LAMP
MVL-504TG UOT-MVL-504TG Datasheet
38Kb / 2P
SOLID STATE LAMP
MVL-324B UOT-MVL-324B Datasheet
38Kb / 2P
SOLID STATE LAMP
logo
CUI INC
CS-3212 CUI-CS-3212 Datasheet
122Kb / 1P
solid state buzzer
CS-3624 CUI-CS-3624 Datasheet
105Kb / 1P
solid state buzzer
CS-8412 CUI-CS-8412 Datasheet
124Kb / 1P
solid state buzzer
logo
Littelfuse
P0300EAL LITTELFUSE-P0300EAL Datasheet
173Kb / 3P
TO-92 SIDACtor solid state protection devices protect telecommunications equipment such
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com