Electronic Components Datasheet Search
  English  ▼

X  

3RF20 Datasheet(PDF) 13 Page - Siemens Semiconductor Group

Part # 3RF20
Description  Controls - Solid-State Switching Devices
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

3RF20 Datasheet(HTML) 13 Page - Siemens Semiconductor Group

Back Button 3RF20 Datasheet HTML 9Page - Siemens Semiconductor Group 3RF20 Datasheet HTML 10Page - Siemens Semiconductor Group 3RF20 Datasheet HTML 11Page - Siemens Semiconductor Group 3RF20 Datasheet HTML 12Page - Siemens Semiconductor Group 3RF20 Datasheet HTML 13Page - Siemens Semiconductor Group 3RF20 Datasheet HTML 14Page - Siemens Semiconductor Group 3RF20 Datasheet HTML 15Page - Siemens Semiconductor Group 3RF20 Datasheet HTML 16Page - Siemens Semiconductor Group 3RF20 Datasheet HTML 17Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Solid-State Contactors
3RF23 solid-state contactors
4/14
Siemens LV 1 · 2006
Other rated control supply voltages on request.
1) The type current provides information about the performance of the solid-
state contactor. The actual permitted rated operating current Ie can be
smaller depending on the connection method and start-up conditions.
For derating, see Technical Information LV 1 T, Characteristic Curves.
Other rated control supply voltages on request.
1) The type current provides information about the performance of the solid-
state contactor. The actual permitted rated operating current Ie can be
smaller depending on the connection method and start-up conditions.
For derating, see Technical Information LV 1 T, Characteristic Curves.
Type
current1)
Imax
Rated control supply
voltage Us
Rated power at Imax and
DT Screw connection
PU
(UNIT,
SET, M)
PS*
PG
Weight
per PU
approx.
Ue = 115 V Ue = 230 V Ue = 400 V
Order No.
Price
per PU
AkW
kW
kW
kg
Low noise, rated operating voltage Ue 24 V ... 230 V
20
24 V DC acc. to
EN 61131-2
2.3
4.6
--
B
3RF23 20-1CA02
1
1 unit
101
0.240
30
3.5
6.9
B
3RF23 30-1CA02
1
1 unit
101
0.400
20
110 V ... 230 V AC
2.3
4.6
--
B
3RF23 20-1CA22
1
1 unit
101
0.240
Low noise, rated operating voltage Ue 230 V ... 460 V
20
24 V DC acc. to
EN 61131-2
--
4.6
8
B
3RF23 20-1CA04
1
1 unit
101
0.240
20
110 V ... 230 V AC
--
4.6
8
B
3RF23 20-1CA24
1
1 unit
101
0.240
20
4 V ... 30 V DC
--
4.6
8
A
3RF23 20-1CA44
1
1 unit
101
0.240
Short-circuit resistant with B-automatic device,
rated operating voltage Ue 24 V ... 230 V
20
24 V DC acc. to
EN 61131-2
2.3
4.6
--
B
3RF23 20-1DA02
1
1 unit
101
0.240
20
110 V ... 230 V AC
2.3
4.6
--
B
3RF23 20-1DA22
1
1 unit
101
0.240
Short-circuit resistant with B-automatic device,
rated operating voltage Ue 230 V ... 460 V
20
24 V DC acc. to
EN 61131-2
--
4.6
8
B
3RF23 20-1DA04
1
1 unit
101
0.240
20
110 V ... 230 V AC
--
4.6
8
B
3RF23 20-1DA24
1
1 unit
101
0.240
20
4 V ... 30 V DC
--
4.6
8
B
3RF23 20-1DA44
1
1 unit
101
0.240
30
6.9
12
B
3RF23 30-1DA44
1
1 unit
101
0.240
Type
current1)
Imax
Rated control supply
voltage Us
Rated power at Imax and
DT Spring-loaded terminals
PU
(UNIT,
SET, M)
PS*
PG
Weight
per PU
approx.
Ue = 115 V Ue = 230 V Ue = 400 V
Order No.
Price
per PU
AkW
kW
kW
kg
Zero-point switching, rated operating voltage Ue 24 V ... 230 V
10.5
24 V DC acc. to EN 61131-2 1.2
2.4
--
B
3RF23 10-2AA02
1
1 unit
101
0.166
20
2.3
4.6
B
3RF23 20-2AA02
1
1 unit
101
0.240
10.5
110 V ... 230 V AC
1.2
2.4
--
B
3RF23 10-2AA22
1
1 unit
101
0.166
20
2.3
4.6
B
3RF23 20-2AA22
1
1 unit
101
0.240
Zero-point switching, rated operating voltage Ue 230 V ... 460 V
10.5
24 V DC acc. to EN 61131-2 --
2.4
4.2
B
3RF23 10-2AA04
1
1 unit
101
0.166
20
4.6
8
B
3RF23 20-2AA04
1
1 unit
101
0.240
10.5
110 V ... 230 V AC
--
2.4
4.2
B
3RF23 10-2AA24
1
1 unit
101
0.166
20
4.6
8
B
3RF23 20-2AA24
1
1 unit
101
0.240
Zero-point switching, rated operating voltage Ue 400 V ... 600 V
10.5
24 V DC acc. to EN 61131-2 --
--
4.2
B
3RF23 10-2AA06
1
1 unit
101
0.166
20
8
B
3RF23 20-2AA06
1
1 unit
101
0.240
10.5
110 V ... 230 V AC
--
--
4.2
B
3RF23 10-2AA26
1
1 unit
101
0.166
20
8
B
3RF23 20-2AA26
1
1 unit
101
0.240
Low noise, rated operating voltage Ue 24 V ... 230 V
20
24 V DC acc. to EN 61131-2 2.3
4.6
--
B
3RF23 20-2CA02
1
1 unit
101
0.240
20
110 V ... 230 V AC
2.3
4.6
--
B
3RF23 20-2CA22
1
1 unit
101
0.240
Low noise, rated operating voltage Ue 230 V ... 460 V
20
24 V DC acc. to EN 61131-2 --
4.6
8
B
3RF23 20-2CA04
1
1 unit
101
0.240
20
110 V ... 230 V AC
--
4.6
8
B
3RF23 20-2CA24
1
1 unit
101
0.240
Short-circuit resistant with B-automatic device,
rated operating voltage Ue 24 V ... 230 V
20
110 V ... 230 V AC
2.3
4.6
--
B
3RF23 20-2DA22
1
1 unit
101
0.240
Short-circuit resistant with B-automatic device,
rated operating voltage Ue 230 V ... 460 V
20
110 V ... 230 V AC
--
4.6
8
B
3RF23 20-2DA24
1
1 unit
101
0.240
* You can order this quantity or a multiple thereof.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com