Electronic Components Datasheet Search
  English  ▼

X  

3RF20 Datasheet(PDF) 21 Page - Siemens Semiconductor Group

Part # 3RF20
Description  Controls - Solid-State Switching Devices
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

3RF20 Datasheet(HTML) 21 Page - Siemens Semiconductor Group

Back Button 3RF20 Datasheet HTML 15Page - Siemens Semiconductor Group 3RF20 Datasheet HTML 16Page - Siemens Semiconductor Group 3RF20 Datasheet HTML 17Page - Siemens Semiconductor Group 3RF20 Datasheet HTML 18Page - Siemens Semiconductor Group 3RF20 Datasheet HTML 19Page - Siemens Semiconductor Group 3RF20 Datasheet HTML 20Page - Siemens Semiconductor Group 3RF20 Datasheet HTML 21Page - Siemens Semiconductor Group 3RF20 Datasheet HTML 22Page - Siemens Semiconductor Group 3RF20 Datasheet HTML 23Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
3RF29 Function Modules
Converters
4/22
Siemens LV 1 · 2006
■ Overview
Converters for SIRIUS SC solid-state switching devices
These modules are used to convert analog drive signals, such
as those output from many temperature controllers for example,
into a pulse-width-modulated digital signal. The connected
solid-state contactors and relays can therefore regulate the
output of a load as a percentage.
■Application
The device is used for conversion from an analog input signal to
an on/off ratio. The function module can only be used in
conjunction with a 3RF21 solid-state relay or a 3RF23 solid-state
contactor.
■Selection and ordering data
Rated operating current
Ie
Rated operating voltage
Ue
DT Order No.
Price
per PU
PU
(UNIT,
SET, M)
PS*
PG
Weight
per PU
approx.
AV
kg
Converters
Rated control supply voltage 24 V AC/DC
--
--
A
3RF29 00-0EA18
1
1 unit
101
0.041
* You can order this quantity or a multiple thereof.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com