Electronic Components Datasheet Search
  English  ▼

X  

LTC2951 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2951
Description  Push Button On/Off Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2951 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2951 Datasheet HTML 8Page - Linear Technology LTC2951 Datasheet HTML 9Page - Linear Technology LTC2951 Datasheet HTML 10Page - Linear Technology LTC2951 Datasheet HTML 11Page - Linear Technology LTC2951 Datasheet HTML 12Page - Linear Technology LTC2951 Datasheet HTML 13Page - Linear Technology LTC2951 Datasheet HTML 14Page - Linear Technology LTC2951 Datasheet HTML 15Page - Linear Technology LTC2951 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LTC2951
14
2951f
External Pull-Up Resistor on ⎯P⎯B
An internal pull-up resistor on the ⎯P⎯B pin makes an ex-
ternal pull-up resistor unnecessary. Leakage current on
the ⎯P⎯B board trace, however, will affect the open circuit
voltage on the ⎯P⎯B pin. If the leakage is too large (>2µA),
the ⎯P⎯B voltage may fall close to the threshold window.
To mitigate the effect of the board leakage, a 10k resistor
to VIN is recommended (see Figure 9).
PB
VIN
LTC2951-1/
LTC2951-2
GND
EXTERNAL BOARD
LEAKAGE CURRENT
100k
2.4V
R7
10k
2951 F09
>2
µA
PINS OMITTED
FOR CLARITY
IF EXTERNAL PARASITIC BOARD
LEAKAGE >2
µA, USE EXTERNAL
PULL-UP RESISTOR
VIN
Figure 9. External Pull-Up Resistor on ⎯P⎯B Pin
Reverse Battery Protection
To protect the LTC2951 from a reverse battery connec-
tion, place a 1k resistor (R8) in series with the VIN pin
(see Figure 10).
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com