Electronic Components Datasheet Search
  English  ▼

X  

LTC2951 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2951
Description  Push Button On/Off Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2951 Datasheet(HTML) 5 Page - Linear Technology

  LTC2951 Datasheet HTML 1Page - Linear Technology LTC2951 Datasheet HTML 2Page - Linear Technology LTC2951 Datasheet HTML 3Page - Linear Technology LTC2951 Datasheet HTML 4Page - Linear Technology LTC2951 Datasheet HTML 5Page - Linear Technology LTC2951 Datasheet HTML 6Page - Linear Technology LTC2951 Datasheet HTML 7Page - Linear Technology LTC2951 Datasheet HTML 8Page - Linear Technology LTC2951 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC2951
5
2951f
2951 G09
2951 G10
EN/EN CURRENT LOAD (mA)
0
500
400
300
200
100
0
8
2951 G11
2
4
6
10
2951 G13
VIN (V)
–10010
20
30
–5
5
15
25
–250
–200
–150
–100
–50
0
PB VOLTAGE (V)
TA = 25°C
VIN = 3.3V
0
0
50
100
150
200
250
300
510
15
20
VIN = 3.3V
TA = 25°C
EXTERNAL PB RESISTANCE TO GROUND (k
Ω)
TA = –45°C
TA = 100°C
TA = 25°C
VIN = 3.3V
04
1
2
3
4
3
2
1
0
TA = 25°C
100k PULL-UP FROM EN TO VIN
VIN (V)
0
4
2951 G12
1
2
3
TA = 25°C
100k PULL-UP FROM EN TO VIN
1.0
0.8
0.6
0.4
0.2
0
TYPICAL PERFOR A CE CHARACTERISTICS
⎯P⎯B Current vs ⎯P⎯B Voltage
⎯P⎯B Voltage vs External ⎯P⎯B
Resistance to Ground
EN/⎯E⎯N VOL vs Current Load
⎯E⎯N (LTC2951-2) Voltage vs VIN
EN (LTC2951-1) Voltage vs VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com