Electronic Components Datasheet Search
  English  ▼

X  

LTC2951 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2951
Description  Push Button On/Off Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2951 Datasheet(HTML) 4 Page - Linear Technology

  LTC2951 Datasheet HTML 1Page - Linear Technology LTC2951 Datasheet HTML 2Page - Linear Technology LTC2951 Datasheet HTML 3Page - Linear Technology LTC2951 Datasheet HTML 4Page - Linear Technology LTC2951 Datasheet HTML 5Page - Linear Technology LTC2951 Datasheet HTML 6Page - Linear Technology LTC2951 Datasheet HTML 7Page - Linear Technology LTC2951 Datasheet HTML 8Page - Linear Technology LTC2951 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC2951
4
2951f
TYPICAL PERFOR A CE CHARACTERISTICS
TEMPERATURE (
°C)
–50
10
8
6
4
2
0
–25
025
50
2951 G01
75
100
0
5
10
15
20
25
30
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
VIN (V)
10
8
6
4
2
0
2951 G02
2951 G03
1
100
1000
1000
2951 G04
10
10
100
10000
2951 G05
VIN (V)
0
510
15
20
2951 G06
25
30
2951 G07
2951 G08
VIN = 26.4V
VIN = 3.3V
VIN = 2.7V
TA = 25°C
VIN (V)
0
0
40
80
120
160
200
5
10
15
20
25
30
TA = 25°C
KILLT EXTERNAL CAPACITOR (nF)
1
100
1000
1000
10
10
100
10000
TA = 25°C
VIN = 3.3V
OFFT EXTERNAL CAPACITOR (nF)
–3.4
–3.2
–3.0
–2.8
–2.6
VIN = 26.4V
VIN = 2.7V
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
–3.4
–3.2
–3.0
–2.8
–2.6
VIN = 26.4V
VIN = 2.7V
50
40
30
20
10
0
TA = 25°C
2951 G14
VIN (V)
0
0
40
80
120
160
200
5
10
15
20
25
30
TA = 25°C
Supply Current vs Temperature
⎯K⎯I⎯L⎯L Turn Off Delay vs KILLT
External Capacitor
Supply Current vs Supply Voltage
KILLT Pull-Down Current vs
Temperature
Internal Default Turn Off
Debounce Time (tDB, OFF) vs VIN
Turn Off Debounce Time (tDB, OFF
+ tOFFT) vs OFFT External Capacitor
OFFT Pull-Down Current vs
Temperature
Internal Default ⎯K⎯I⎯L⎯L Turn Off
Delay (t⎯K⎯I⎯L⎯L, OFF DELAY) vs VIN
Turn On Debounce Time
(tDB, ON) vs VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com