Electronic Components Datasheet Search
  English  ▼

X  

LG-T670 Datasheet(PDF) 7 Page - ams-OSRAM AG

Part # LG-T670
Description  TOPLED®
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LG-T670 Datasheet(HTML) 7 Page - ams-OSRAM AG

Back Button LG-T670 Datasheet HTML 3Page - ams-OSRAM AG LG-T670 Datasheet HTML 4Page - ams-OSRAM AG LG-T670 Datasheet HTML 5Page - ams-OSRAM AG LG-T670 Datasheet HTML 6Page - ams-OSRAM AG LG-T670 Datasheet HTML 7Page - ams-OSRAM AG LG-T670 Datasheet HTML 8Page - ams-OSRAM AG LG-T670 Datasheet HTML 9Page - ams-OSRAM AG LG-T670 Datasheet HTML 10Page - ams-OSRAM AG LG-T670 Datasheet HTML 11Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LG T670
7 Version 1.2 | 2019-07-22
Forward current 7), 8)
I
F = f(VF); TS = 25 °C
10 -1
V
pure-green
5
super-red
orange/yellow
green
OHL02145
IF
F
V
0
10
1
10
2
10
5
mA
1.01.4
1.82.2
2.63.0
3.4
Relative Luminous Intensity 7), 8)
I
v/Iv(10 mA) = f(IF); TS = 25 °C
green
OHL00993
1
10
100
5
5
-1
10
10
0
10
-2
5
1
10
2
10
mA
IV (10 mA)
IV
F
I
yellow
pure-green
super-red
orange



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com