Electronic Components Datasheet Search
  English  ▼

X  

LG-T670 Datasheet(PDF) 10 Page - ams-OSRAM AG

Part # LG-T670
Description  TOPLED®
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LG-T670 Datasheet(HTML) 10 Page - ams-OSRAM AG

Back Button LG-T670 Datasheet HTML 6Page - ams-OSRAM AG LG-T670 Datasheet HTML 7Page - ams-OSRAM AG LG-T670 Datasheet HTML 8Page - ams-OSRAM AG LG-T670 Datasheet HTML 9Page - ams-OSRAM AG LG-T670 Datasheet HTML 10Page - ams-OSRAM AG LG-T670 Datasheet HTML 11Page - ams-OSRAM AG LG-T670 Datasheet HTML 12Page - ams-OSRAM AG LG-T670 Datasheet HTML 13Page - ams-OSRAM AG LG-T670 Datasheet HTML 14Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
LG T670
10 Version 1.2 | 2019-07-22
Dimensional Drawing 9)
GPLY6724
0.7 (0.028)
0.9 (0.035)
1.7 (0.067)
2.1 (0.083)
0.12 (0.005)
0.18 (0.007)
0.4 (0.016)
0.6 (0.024)
2.6 (0.102)
3.0 (0.118)
2.1 (0.083)
2.3 (0.091)
Cathode marking
0.1 (0.004) (typ.)
A
C
Further Information
Approximate Weight:
34.0 mg
Package marking:
Cathode
Corrosion test:
Class: 3B
Test condition: 40°C / 90 % RH / 15 ppm H
2S / 14 days (stricter than IEC
60068-2-43)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com