Electronic Components Datasheet Search
  English  ▼

X  

LG-T670 Datasheet(PDF) 9 Page - ams-OSRAM AG

Part # LG-T670
Description  TOPLED®
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LG-T670 Datasheet(HTML) 9 Page - ams-OSRAM AG

Back Button LG-T670 Datasheet HTML 5Page - ams-OSRAM AG LG-T670 Datasheet HTML 6Page - ams-OSRAM AG LG-T670 Datasheet HTML 7Page - ams-OSRAM AG LG-T670 Datasheet HTML 8Page - ams-OSRAM AG LG-T670 Datasheet HTML 9Page - ams-OSRAM AG LG-T670 Datasheet HTML 10Page - ams-OSRAM AG LG-T670 Datasheet HTML 11Page - ams-OSRAM AG LG-T670 Datasheet HTML 12Page - ams-OSRAM AG LG-T670 Datasheet HTML 13Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
LG T670
9 Version 1.2 | 2019-07-22
Max. Permissible Forward Current
I
F = f(T)
T
OHL00962
0
F
I
0
20
40
60
80 C 100
mA
10
20
30
40
TA
TS
temp. ambient
temp. solder point
ΤA
ΤS
Permissible Pulse Handling Capability
I
F = f(tp); D: Duty cycle; TS = 25 °C
OHL01686
s
10-5
10-4
10-3
10-2
10-1
100
101
t
D
I
T
T
P
F
tP
=
D = 0.005
0.01
0.02
0.05
0.2
0.5
DC
10 1
5
I
F
t
2
10
0.1
p
10 3
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com