Electronic Components Datasheet Search
  English  ▼

X  

DM9010EP Datasheet(PDF) 48 Page - List of Unclassifed Manufacturers

Part # DM9010EP
Description  Single Chip Ethernet Controller with General Processor Interface
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DM9010EP Datasheet(HTML) 48 Page - List of Unclassifed Manufacturers

Back Button DM9010EP Datasheet HTML 44Page - List of Unclassifed Manufacturers DM9010EP Datasheet HTML 45Page - List of Unclassifed Manufacturers DM9010EP Datasheet HTML 46Page - List of Unclassifed Manufacturers DM9010EP Datasheet HTML 47Page - List of Unclassifed Manufacturers DM9010EP Datasheet HTML 48Page - List of Unclassifed Manufacturers DM9010EP Datasheet HTML 49Page - List of Unclassifed Manufacturers DM9010EP Datasheet HTML 50Page - List of Unclassifed Manufacturers DM9010EP Datasheet HTML 51Page - List of Unclassifed Manufacturers DM9010EP Datasheet HTML 52Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 61 page
background image
DM9010
Single Chip Ethernet Controller with General Processor Interface
Preliminary
48
Version: DM9010-DS-P03
Apr. 28, 2005
10. DC and AC Electrical Characteristics
10.1 Absolute Maximum Ratings
Symbol
Parameter
Min.
Max.
Unit
Conditions
DVDD
Supply Voltage
-0.3
3.6
V
VIN
DC Input Voltage (VIN)
-0.5
5.5
V
VOUT
DC Output Voltage(VOUT)
-0.3
3.6
V
10.1.1 Operating Conditions
Symbol
Parameter
Min.
Max.
Unit
Conditions
DVDD
Supply Voltage
3.135
3.465
V
Tc
Case Temperature
---
85
°C
100BASE-TX
---
87
mA
3.3V
10BASE-T TX (100% utilization)
---
92
mA
3.3V
10BASE-T idle
---
38
mA
3.3V
Auto-negotiation
---
56
mA
3.3V
Power Reduced Mode(without cable)
---
31
mA
3.3V
PD
(Power Dissipation)
Power Down Mode
---
21
mA
3.3V
10.2 DC Electrical Characteristics (VDD = 3.3V)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
Inputs
VIL
Input Low Voltage
-
-
0.8
V
VIH
Input High Voltage
2.0
-
-
V
IIL
Input Low Leakage Current
-1
-
-
uA
VIN = 0.0V
IIH
Input High Leakage Current
-
-
1
uA
VIN = 3.3V
Outputs
VOL
Output Low Voltage
-
-
0.4
V
IOL = 4mA
VOH
Output High Voltage
2.4
-
-
V
IOH = -4mA
Receiver
VICM
RX+/RX- Common Mode Input
Voltage
-
1.05
-
V
100
Ω Termination
Across
Transmitter
VTD100
100TX+/- Differential Output
Voltage
1.9
2.0
2.1
V
Peak to Peak
VTD10
10TX+/- Differential Output Voltage
4.4
5
5.6
V
Peak to Peak
ITD100
100TX+/- Differential Output
Current
│19│
│20│
│21│
mA
Absolute Value
ITD10
10TX+/- Differential Output Current
│44│
│50│
│56│
mA
Absolute Value
Temperature
TC
Case Temperature
0
85
℃
TA = 0 ~ 70 ℃
TA
Ambient Temperature
0
70
℃
Tstg
Storage temperature
-65
150
℃
LT
Lead Temperature
-
235
℃
10sec. max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com