Electronic Components Datasheet Search
  English  ▼

X  

OPA591 Datasheet(PDF) 20 Page - Texas Instruments

Part # OPA591
Description  OPAx591 85V, Precision (1μV/°C), Low-Power (450μA), High-Slew Rate (100V/μs) Op Amps With MUX-Friendly Inputs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA591 Datasheet(HTML) 20 Page - Texas Instruments

Back Button OPA591 Datasheet HTML 16Page - Texas Instruments OPA591 Datasheet HTML 17Page - Texas Instruments OPA591 Datasheet HTML 18Page - Texas Instruments OPA591 Datasheet HTML 19Page - Texas Instruments OPA591 Datasheet HTML 20Page - Texas Instruments OPA591 Datasheet HTML 21Page - Texas Instruments OPA591 Datasheet HTML 22Page - Texas Instruments OPA591 Datasheet HTML 23Page - Texas Instruments OPA591 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
6.3.5 Full-Power Bandwidth Improved
The full-power bandwidth curve has been a staple in datasheets for decades. The full-power bandwidth of an op
amp provides some indication about where designers can expect slew-induced distortion on a signal of a given
amplitude and frequency. The full-power bandwidth curve is generated using Equation 3.
FPBW= SR
2πVOUT_MAX
(3)
Figure 6-5 shows the full-power bandwidth of the OPAx591. The curve is a good reference for designers
that need to achieve high-voltage, high-frequency output swings with little concern for distortion performance.
Unfortunately, the curve provides little indication of the true distortion at any given point on the curve. The
full-power bandwidth curve is, after all, only a theoretical value and slew-induced distortion appears gradually
as the output nears the maximum rate of change. Furthermore, slew-induced distortion is only one of several
sources of op-amp distortion. Therefore, the curve is a decent starting point, but not a reliable source for
distortion performance.
Figure 6-6 shows the full power bandwidth in terms of total harmonic distortion (THD) performance for the
OPAx591. This curve provides a better indication of the level of distortion that a designer can expect for a signal
of a given amplitude and frequency. For example, the OPAx591 can achieve approximately −100dB or better
of THD at 70VPP up to approximately 1kHz. As a second example, the OPAx591 can achieve approximately
−130dB or better of THD at 10VPP up to about 1kHz. As a result of limitations in measurement bandwidth, only
20kHz data are recorded.
Frequency (Hz)
0
10
20
30
40
50
60
70
80
90
100
110
120
1
10
100
1k
10k
100k
1M
10M
85V
8V
Figure 6-5. Full-Power Bandwidth
Figure 6-6. Full-Power Bandwidth Improved
6.3.6 Overload Recovery
Overload recovery is defined as the time required for the op amp output to recover from a saturated state to
a linear state. The output devices of the op amp enter a saturation region when the output voltage exceeds
the rated operating voltage, either due to the high input voltage or the high gain. After the device enters the
saturation region, the charge carriers in the output devices require time to return back to the linear state. After
the charge carriers return back to the linear state, the device begins to slew at the specified slew rate. Thus, the
propagation delay in case of an overload condition is the sum of the overload recovery time and the slew time.
6.4 Device Functional Modes
The OPAx591 has a single functional mode and is operational when the power-supply voltage is between 8V
(±4V) and 85V (±42.5V).
OPA591, OPA2591
SBOSA47A – FEBRUARY 2026 – REVISED SEPTEMBER 2026
www.ti.com
20
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: OPA591 OPA2591



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com