Electronic Components Datasheet Search
  English  ▼

X  

OPA591 Datasheet(PDF) 28 Page - Texas Instruments

Part # OPA591
Description  OPAx591 85V, Precision (1μV/°C), Low-Power (450μA), High-Slew Rate (100V/μs) Op Amps With MUX-Friendly Inputs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA591 Datasheet(HTML) 28 Page - Texas Instruments

Back Button OPA591 Datasheet HTML 24Page - Texas Instruments OPA591 Datasheet HTML 25Page - Texas Instruments OPA591 Datasheet HTML 26Page - Texas Instruments OPA591 Datasheet HTML 27Page - Texas Instruments OPA591 Datasheet HTML 28Page - Texas Instruments OPA591 Datasheet HTML 29Page - Texas Instruments OPA591 Datasheet HTML 30Page - Texas Instruments OPA591 Datasheet HTML 31Page - Texas Instruments OPA591 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
7.4.2 Layout Example
+
–
RG
RF
OPA591
V+
VIN
VOUT
V−
Figure 7-12. Schematic Representation of Noninverting Configuration
OUT
V
IN+
V+
IN
V+
VOUT
VIN
RG
RF
0.1µF
0.1µF
V
Figure 7-13. Board Layout for Noninverting Configuration of the SOT23-5 Package
OPA591, OPA2591
SBOSA47A – FEBRUARY 2026 – REVISED SEPTEMBER 2026
www.ti.com
28
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: OPA591 OPA2591



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com