Electronic Components Datasheet Search
  English  ▼

X  

OPA591 Datasheet(PDF) 11 Page - Texas Instruments

Part # OPA591
Description  OPAx591 85V, Precision (1μV/°C), Low-Power (450μA), High-Slew Rate (100V/μs) Op Amps With MUX-Friendly Inputs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA591 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA591 Datasheet HTML 7Page - Texas Instruments OPA591 Datasheet HTML 8Page - Texas Instruments OPA591 Datasheet HTML 9Page - Texas Instruments OPA591 Datasheet HTML 10Page - Texas Instruments OPA591 Datasheet HTML 11Page - Texas Instruments OPA591 Datasheet HTML 12Page - Texas Instruments OPA591 Datasheet HTML 13Page - Texas Instruments OPA591 Datasheet HTML 14Page - Texas Instruments OPA591 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
5.7 Typical Characteristics (continued)
at TA = 25°C, VS = 85V, VCM = VOUT = mid-supply, and RL = 10kΩ (unless otherwise noted)
Time (1s/div)
Figure 5-19. 0.1Hz to 10Hz Noise
Frequency (Hz)
0.5
1
2
5
10
20
50
100
200
500
1000
1
10
100
1k
10k
100k
Figure 5-20. Current Noise Density vs Frequency
Output Amplitude (VPP)
100m
1
10
100
-140
-120
-100
-80
-60
0.00001
0.0001
0.001
0.01
0.1
G =
−1, 1M Load
G =
−1, 10k Load
G =
−1, 2k Load
G = 1, 1M
Load
G = 1, 10k
Load
G = 1, 2k
Load
f = 1kHz
Figure 5-21. Total Harmonic Distortion + Noise Ratio vs Output
Amplitude
Frequency (Hz)
1E-5
2E-5
5E-5
0.0001
0.0002
0.0005
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
20
200
2k
20k
-140
-120
-100
-80
-60
-40
G =
−1. 1M Load
G =
−1. 10k Load
G =
−1. 2k Load
G = 1. 1M
Load
G = 1. 10k
Load
G = 1. 2k
Load
24.75VRMS (70VPP)
Figure 5-22. Total Harmonic Distortion + Noise Ratio vs
Frequency
Output Current (mA)
0
5
10
15
20
25
30
35
40
30
35
40
45
−40 C
−5 C
25 C
85 C
125 C
Figure 5-23. Output Voltage Swing vs Output Sourcing Current
Output Current (mA)
0
5
10
15
20
25
30
35
40
-45
-40
-35
-30
−40 C
−5 C
25 C
85 C
125 C
Figure 5-24. Output Voltage Swing vs Output Sinking Current
www.ti.com
OPA591, OPA2591
SBOSA47A – FEBRUARY 2026 – REVISED SEPTEMBER 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: OPA591 OPA2591



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com