Electronic Components Datasheet Search
  English  ▼

X  

REF53-Q1 Datasheet(PDF) 18 Page - Texas Instruments

Part # REF53-Q1
Description  REF53-Q1, 4ppm/°C Maximum Drift, 3ppmp-p 1/f Noise, 85μA Current, 30mA Load Current, Precision Voltage Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF53-Q1 Datasheet(HTML) 18 Page - Texas Instruments

Back Button REF53-Q1 Datasheet HTML 14Page - Texas Instruments REF53-Q1 Datasheet HTML 15Page - Texas Instruments REF53-Q1 Datasheet HTML 16Page - Texas Instruments REF53-Q1 Datasheet HTML 17Page - Texas Instruments REF53-Q1 Datasheet HTML 18Page - Texas Instruments REF53-Q1 Datasheet HTML 19Page - Texas Instruments REF53-Q1 Datasheet HTML 20Page - Texas Instruments REF53-Q1 Datasheet HTML 21Page - Texas Instruments REF53-Q1 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
noise due to mechanical vibrations, potentially dominating the noise of the REF53-Q1. More information on how
the piezoelectric effect can be explored in systems can be found in Stress-induced outbursts: Microphonics in
ceramic capacitors (Part 1) and Stress-induced outbursts: Microphonics in ceramic capacitors (Part 2) . Designer
must use film capacitors for noise sensitive applications. TI recommends placing the REF53-Q1 reference as
close to the load as possible to minimize IR drop due to trace resistance.
The turn-on time response of the REF53-Q1 is shown in Figure 9-2. The turn-on time of the REF53-Q1 family
depends on the reference pin capacitor. Increasing the output capacitor improves the load transient performance
of the device, however this also increases the turn-on time. Figure 9-3 shows the turn-on time with CREF = 10μF,
increases to 1msec.
9.2.1.3 Application Curves
Te mperature (
C)
-40
-7
26
59
92
125
0
0.1
0.2
0.3
0.4
0.5
VIN = 3V
VIN = 18V
Figure 9-2. REF53250QDDCRQ1 Turn-On time
(CREF= 1uF, CIN= 0.1uF)
Te mperature (
C)
-40
-7
26
59
92
125
1
1.1
1.2
1.3
1.4
1.5
VIN = 3V
VIN = 18V
Figure 9-3. REF53250QDDCRQ1 Turn-On time
(CREF= 10uF, CIN= 0.1uF )
9.2.2 Constant Current Reference
Multiple applications such as sensor biasing, LED driving, battery charging, and so forth need, precision constant
current source. REF53-Q1 device with precision performance, wide input voltage support, multiple output voltage
options meets various application level requirements to be configured as constant current source.
Figure 9-4 shows REF53-Q1 configured as a constant current source. REF53-Q1 is configured as floating
device with device GND driving the load. The precision voltage reference from REF53-Q1 along with an external
precision reference draw a constant current from the input supply denoted as 'I'. The effective current flowing
through the load is combination of REF53-Q1 device quiescent current and the programmed value I. The wide
VIN voltage support of REF53-Q1 allows for wide voltage variation across the load while still maintaining the
constant current accuracy.
REF53-Q1
SNVSCU8 – AUGUST 2026
www.ti.com
18
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: REF53-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com