Electronic Components Datasheet Search
  English  ▼

X  

REF53-Q1 Datasheet(PDF) 23 Page - Texas Instruments

Part # REF53-Q1
Description  REF53-Q1, 4ppm/°C Maximum Drift, 3ppmp-p 1/f Noise, 85μA Current, 30mA Load Current, Precision Voltage Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF53-Q1 Datasheet(HTML) 23 Page - Texas Instruments

Back Button REF53-Q1 Datasheet HTML 19Page - Texas Instruments REF53-Q1 Datasheet HTML 20Page - Texas Instruments REF53-Q1 Datasheet HTML 21Page - Texas Instruments REF53-Q1 Datasheet HTML 22Page - Texas Instruments REF53-Q1 Datasheet HTML 23Page - Texas Instruments REF53-Q1 Datasheet HTML 24Page - Texas Instruments REF53-Q1 Datasheet HTML 25Page - Texas Instruments REF53-Q1 Datasheet HTML 26Page - Texas Instruments REF53-Q1 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
TAPE AND REEL BOX DIMENSIONS
Width (mm)
H
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
REF53-Q1
SOT-23- THIN
DDC
6
3000
213.0
191.0
35.0
www.ti.com
REF53-Q1
SNVSCU8 – AUGUST 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: REF53-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com