Electronic Components Datasheet Search
  English  ▼

X  

REF53-Q1 Datasheet(PDF) 24 Page - Texas Instruments

Part # REF53-Q1
Description  REF53-Q1, 4ppm/°C Maximum Drift, 3ppmp-p 1/f Noise, 85μA Current, 30mA Load Current, Precision Voltage Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF53-Q1 Datasheet(HTML) 24 Page - Texas Instruments

Back Button REF53-Q1 Datasheet HTML 20Page - Texas Instruments REF53-Q1 Datasheet HTML 21Page - Texas Instruments REF53-Q1 Datasheet HTML 22Page - Texas Instruments REF53-Q1 Datasheet HTML 23Page - Texas Instruments REF53-Q1 Datasheet HTML 24Page - Texas Instruments REF53-Q1 Datasheet HTML 25Page - Texas Instruments REF53-Q1 Datasheet HTML 26Page - Texas Instruments REF53-Q1 Datasheet HTML 27Page - Texas Instruments REF53-Q1 Datasheet HTML 28Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
12.2 Mechanical Data
www.ti.com
PACKAGE OUTLINE
C
0.20
0.12 TYP
0.25
3.05
2.55
4X 0.95
1.1
0.7
0.1
0.0 TYP
6X 0.5
0.3
0.6
0.3 TYP
1.9
0 -8 TYP
4X 0 -15
4X 4 -15
A
3.05
2.75
B
1.75
1.45
SOT-23 - 1.1 max height
DDC0006A
SMALL OUTLINE TRANSISTOR
4214841/E 08/2024
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. Reference JEDEC MO-193.
3
4
0.2
C A B
1
6
INDEX AREA
PIN 1
GAGE PLANE
SEATING PLANE
0.1 C
SCALE 4.000
REF53-Q1
SNVSCU8 – AUGUST 2026
www.ti.com
24
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: REF53-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com