Electronic Components Datasheet Search
  English  ▼

X  

FLC01-200X Datasheet(PDF) 1 Page - STMicroelectronics

Part # FLC01-200X
Description  FIRE LIGHTER CIRCUIT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FLC01-200X Datasheet(HTML) 1 Page - STMicroelectronics

  FLC01-200X Datasheet HTML 1Page - STMicroelectronics FLC01-200X Datasheet HTML 2Page - STMicroelectronics FLC01-200X Datasheet HTML 3Page - STMicroelectronics FLC01-200X Datasheet HTML 4Page - STMicroelectronics FLC01-200X Datasheet HTML 5Page - STMicroelectronics FLC01-200X Datasheet HTML 6Page - STMicroelectronics FLC01-200X Datasheet HTML 7Page - STMicroelectronics FLC01-200X Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
Application Specific Discretes
A.S.D.™
FLC01-200x
®
April 2002 Ed: 6C
FIRE LIGHTER CIRCUIT
IPAK
FLC01-200H
s
Dedicated thyristor structure for capacitance
discharge ignition operation
s
High pulse current capability
190A@tp=10
µs
s
Fast turn-on operation
s
Designed for high ambient temperature (up to
120°C)
FEATURES
The FLC01 series has been especially developed
for capacitance discharge operation. The main
applications are gas lighters or ignitors such as
cookers / gas boilers / gas hobs...
Based on ST’s ASD™ technology, it provides a
fully integrated function, with high performance
and reliability levels, adapted to severe and hot
temperature environment.
Th: Thyristor for switching operation.
Z: Zener diode to set the threshold voltage.
D: Diode for reverse conduction.
R: 2k
Ω resistor.
DESCRIPTION
Z
R
D
Th
pin 2
pin 1
* pin 3 non connected
FUNCTIONAL DIAGRAM
1
2
3
TAB
s
Space saving thanks to monolithic function
integration
s
High reliability with planar technology
BENEFITS
TAB
1
2
3
DPAK
FLC01-200B


Similar Part No. - FLC01-200X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
FLC01-200B STMICROELECTRONICS-FLC01-200B Datasheet
128Kb / 8P
FIRE LIGHTER CIRCUIT
Apr-2002
FLC01-200B STMICROELECTRONICS-FLC01-200B Datasheet
318Kb / 11P
Fire lighter circuit
27-May-2014
FLC01-200B-TR STMICROELECTRONICS-FLC01-200B-TR Datasheet
128Kb / 8P
FIRE LIGHTER CIRCUIT
Apr-2002
FLC01-200B-TR STMICROELECTRONICS-FLC01-200B-TR Datasheet
318Kb / 11P
Fire lighter circuit
27-May-2014
FLC01-200D STMICROELECTRONICS-FLC01-200D Datasheet
57Kb / 7P
FIRE LIGHTER CIRCUIT
Oct-1999
More results

Similar Description - FLC01-200X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CHARLIE STMICROELECTRONICS-CHARLIE Datasheet
76Kb / 3P
CIGAR LIGHTER ADAPTER
Jan-2000
FLC01-200D STMICROELECTRONICS-FLC01-200D Datasheet
57Kb / 7P
FIRE LIGHTER CIRCUIT
Oct-1999
FLC02-200D STMICROELECTRONICS-FLC02-200D Datasheet
70Kb / 7P
FIRE LIGHTER CIRCUIT
Feb-1996
FLC10-200H STMICROELECTRONICS-FLC10-200H Datasheet
54Kb / 7P
FIRE LIGHTER CIRCUIT
Jun-2000
FLC21 STMICROELECTRONICS-FLC21 Datasheet
45Kb / 6P
LOW POWER FIRE LIGHTER CIRCUIT
Jun-2000
FLC01-200H STMICROELECTRONICS-FLC01-200H Datasheet
128Kb / 8P
FIRE LIGHTER CIRCUIT
Apr-2002
FLC10-200B STMICROELECTRONICS-FLC10-200B Datasheet
122Kb / 8P
FIRE LIGHTER CIRCUIT
Oct-2001
FLC21-135A STMICROELECTRONICS-FLC21-135A Datasheet
73Kb / 6P
LOW POWER FIRE LIGHTER CIRCUIT
Jul-2003
FLC01 STMICROELECTRONICS-FLC01 Datasheet
318Kb / 11P
Fire lighter circuit
27-May-2014
logo
SHENZHEN FUMAN ELECTRON...
FM7011GB FUMAN-FM7011GB Datasheet
236Kb / 4P
Electronic cigarette lighter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com