Electronic Components Datasheet Search
  English  ▼

X  

FLC01-200X Datasheet(PDF) 4 Page - STMicroelectronics

Part # FLC01-200X
Description  FIRE LIGHTER CIRCUIT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FLC01-200X Datasheet(HTML) 4 Page - STMicroelectronics

  FLC01-200X Datasheet HTML 1Page - STMicroelectronics FLC01-200X Datasheet HTML 2Page - STMicroelectronics FLC01-200X Datasheet HTML 3Page - STMicroelectronics FLC01-200X Datasheet HTML 4Page - STMicroelectronics FLC01-200X Datasheet HTML 5Page - STMicroelectronics FLC01-200X Datasheet HTML 6Page - STMicroelectronics FLC01-200X Datasheet HTML 7Page - STMicroelectronics FLC01-200X Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
FLC01-200x
4/8
Rs
Ds
c
D
Th
Z
R
Ic
AC
MAINS
Ic
t
FLC01-200x
Fig. 2: BASIC APPLICATION
The
applications
of
the
lighter
using
the
capacitance discharge topology operate in 2
phases :
PHASE 1
The energy coming from the mains is stored into
the capacitor C. For that, the AC voltage is rectified
by the diode Ds.
PHASE 2
At the end of the phase 1, the voltage across the
capacitor C reaches the avalanche threshold of
the zener. Then a current flows through the gate of
the thyristor Th which fires.
The firing of the thyristor causes an alternating
current to flow through the capacitor C.
The positive parts of this current flow through C,
Th and the primary of the HV transformer.
The negative parts of the current flow through C, D
and the primaty of the HV transformer.
The maximum Rs value is equal to :
Rs
VV
T
T
kI
AC
BO
amb
BO
max
(
min.
)
[
max .(
.(
))]
.*
=
−+
−
21
25
α
* : see fig 1
RS RESISTOR CALCULATION
The Rs resistor allows, in addition with the capacitor C, the spark frequency to be adjusted and the current
from the mains to be limited. Its value shall allow the thyristor Th to fire even in the worst case. In this case
the system must fire with the lower RMS mains voltage value while the breakdown voltage and current of
the FLC are at the maximum.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com