Electronic Components Datasheet Search
  English  ▼

X  

FLC01-200X Datasheet(PDF) 5 Page - STMicroelectronics

Part # FLC01-200X
Description  FIRE LIGHTER CIRCUIT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FLC01-200X Datasheet(HTML) 5 Page - STMicroelectronics

  FLC01-200X Datasheet HTML 1Page - STMicroelectronics FLC01-200X Datasheet HTML 2Page - STMicroelectronics FLC01-200X Datasheet HTML 3Page - STMicroelectronics FLC01-200X Datasheet HTML 4Page - STMicroelectronics FLC01-200X Datasheet HTML 5Page - STMicroelectronics FLC01-200X Datasheet HTML 6Page - STMicroelectronics FLC01-200X Datasheet HTML 7Page - STMicroelectronics FLC01-200X Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
FLC01-200x
5/8
4.7
6.8
10
12
15
18
22
27 30
1
2
3
5
10
20
F (Hz)
Rs (k )
Ω
Vac=220Vrms, Vbo=225V, Tamb=25°C
C=3.3
F
µ
C=2.7
F
µ
C=2.2
F
µ
C=0.47
F
µ
C=0.47
F
µ
C=1
F
µ
C=1
F
µ
C=1.5
F
µ
C=1.5
F
µ
Fig. 3: Spark frequency versus Rs and C
Fig. 4: Voltage across the capacitance with Rs = 15k
Ω, C = 1µF and VBO = 225V.
The couple Rs/C can be chosen with the previous
curve. Keep in mind the Rs maximum limit for
which the system would not work when the AC
mains is minimum. The next curve shows the
behavior with Rs=15k
Ω and C=1µF.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com