Electronic Components Datasheet Search
  English  ▼

X  

524S Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 524S
Description  Low Skew 1 to 4 Clock Buffer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

524S Datasheet(HTML) 3 Page - Renesas Technology Corp

  524S Datasheet HTML 1Page - Renesas Technology Corp 524S Datasheet HTML 2Page - Renesas Technology Corp 524S Datasheet HTML 3Page - Renesas Technology Corp 524S Datasheet HTML 4Page - Renesas Technology Corp 524S Datasheet HTML 5Page - Renesas Technology Corp 524S Datasheet HTML 6Page - Renesas Technology Corp 524S Datasheet HTML 7Page - Renesas Technology Corp 524S Datasheet HTML 8Page - Renesas Technology Corp 524S Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DECEMBER 13, 2023
3
LOW SKEW 1 TO 4 CLOCK BUFFER
524S DATASHEET
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the 524S. These ratings, which are standard values
for Renesas commercially rated parts, are stress ratings only. Functional operation of the device at these or any other conditions
above those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods can affect product reliability. Electrical parameters are guaranteed only over the recommended
operating temperature range.
Recommended Operation Conditions
Item
Rating
Supply Voltage, VDD
3.465V
Outputs
-0.5 V to VDD+0.5 V
ICLK
3.465V
Ambient Operating Temperature (extended)
-40° to +105°C
Storage Temperature
-65° to +150°C
Junction Temperature
125°C
Soldering Temperature
260°C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature (extended)
-40
+105
C
Power Supply Voltage (measured in respect to GND)
+1.71
+3.465
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com