Electronic Components Datasheet Search
  English  ▼

X  

524S Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 524S
Description  Low Skew 1 to 4 Clock Buffer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

524S Datasheet(HTML) 1 Page - Renesas Technology Corp

  524S Datasheet HTML 1Page - Renesas Technology Corp 524S Datasheet HTML 2Page - Renesas Technology Corp 524S Datasheet HTML 3Page - Renesas Technology Corp 524S Datasheet HTML 4Page - Renesas Technology Corp 524S Datasheet HTML 5Page - Renesas Technology Corp 524S Datasheet HTML 6Page - Renesas Technology Corp 524S Datasheet HTML 7Page - Renesas Technology Corp 524S Datasheet HTML 8Page - Renesas Technology Corp 524S Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DATASHEET
DECEMBER 13, 2023
1
©2015-2023 Renesas Electronics Corporation
Low Skew 1 to 4 Clock Buffer
524S
Description
The 524S is a low skew, single input to four output, clock
buffer. The 524S has best in class additive phase jitter of sub
50 fsec. The 524S is Power Down Tolerant (PDT). PDT
designated inputs may be driven before VDD is applied,
without damage to the device.
Renesas makes many non-PLL and PLL based low skew
output devices as well as Zero Delay Buffers to synchronize
clocks. Contact us for all of your clocking needs.
Features
• Low additive phase jitter RMS: 50fs
• Extremely low skew outputs (50ps)
• Low cost clock buffer
• Packaged in 8-SOIC and 8-DFN, Pb-free
• ICLK is PDT and may be driven before VDD is applied
• Direct-coupled signal path suitable for 1pps clocks
• Input/Output clock frequency up to 200MHz
• Non-inverting output clock
• Ideal for networking clocks
• Operating Voltages: 1.8V to 3.3V
• Advanced, low power CMOS process
• Extended temperature range (-40°C to +105°C)
Block Diagram
Q0
ICLK
Q1
Q2
Q3


Similar Part No. - 524S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
524S IDT-524S Datasheet
180Kb / 12P
Low additive phase jitter RMS
More results

Similar Description - 524S

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS553 ICST-ICS553 Datasheet
89Kb / 6P
LOW SKEW 1 TO 4 CLOCK BUFFER
Revision 052501
ICS651 ICST-ICS651 Datasheet
82Kb / 7P
LOW SKEW 1 TO 4 CLOCK BUFFER
Revision 120805
ICS556-04 ICST-ICS556-04 Datasheet
145Kb / 6P
LOW SKEW 1 TO 4 CLOCK BUFFER
ICS553MI ICST-ICS553MI Datasheet
65Kb / 6P
LOW SKEW 1 TO 4 CLOCK BUFFER
Revision 080404
logo
Integrated Device Techn...
ICS651B IDT-ICS651B Datasheet
185Kb / 8P
LOW SKEW 1 TO 4 CLOCK BUFFER
ICS651MLFT IDT-ICS651MLFT Datasheet
89Kb / 8P
LOW SKEW 1 TO 4 CLOCK BUFFER
IDT5T30553 IDT-IDT5T30553 Datasheet
187Kb / 8P
LOW SKEW 1 TO 4 CLOCK BUFFER
logo
Pericom Semiconductor C...
PI6C49X0204A PERICOM-PI6C49X0204A Datasheet
981Kb / 10P
Low Skew 1 TO 4 Clock Buffer
logo
Integrated Device Techn...
551S IDT-551S_18 Datasheet
153Kb / 9P
Low Skew 1 to 4 Clock Buffer
logo
Renesas Technology Corp
ICS556-04 RENESAS-ICS556-04 Datasheet
352Kb / 8P
LOW SKEW 1 TO 4 CLOCK BUFFER
051310
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com