Electronic Components Datasheet Search
  English  ▼

X  

524S Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # 524S
Description  Low Skew 1 to 4 Clock Buffer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

524S Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button 524S Datasheet HTML 3Page - Renesas Technology Corp 524S Datasheet HTML 4Page - Renesas Technology Corp 524S Datasheet HTML 5Page - Renesas Technology Corp 524S Datasheet HTML 6Page - Renesas Technology Corp 524S Datasheet HTML 7Page - Renesas Technology Corp 524S Datasheet HTML 8Page - Renesas Technology Corp 524S Datasheet HTML 9Page - Renesas Technology Corp 524S Datasheet HTML 10Page - Renesas Technology Corp 524S Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
2.00 ±0.05
2.00 ±0.05
Pin 1 ID
SIDE VIEW
BOTTOM VIEW
TOP VIEW
Seating Plane
0.08 C
0.50 ±0.05
C
(PCB Top View, NSMD Design)
RECOMMENDED LAND PATTERN
NOTES:
1.
JEDEC compatible.
2.
All dimensions are in mm and angles are in degrees.
3.
Use ±0.05 mm for the non-toleranced dimensions.
4.
Numbers in ( ) are for references only.
(0.127)
0.05 Max
0.10
Package Outline
2.30
1
4
5
8
0.50
(1.00)
0.50 ±0.10
0.25 ±0.05
1.00
0.25
0.50
0.65
© Renesas Electronics Corporation
Package Outline Drawing
Package Code:CMG8D1
8-DFN 2.0 x 2.0 x 0.5 mm Body, 0.5mm Pitch
PSC-4490-01, Revision: 00, Date Created: Oct 05, 2023



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com