Electronic Components Datasheet Search
  English  ▼

X  

TSM1052 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TSM1052
Description  Constant voltage and constant current controller for battery chargers and adapters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM1052 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TSM1052_08 Datasheet HTML 3Page - STMicroelectronics TSM1052_08 Datasheet HTML 4Page - STMicroelectronics TSM1052_08 Datasheet HTML 5Page - STMicroelectronics TSM1052_08 Datasheet HTML 6Page - STMicroelectronics TSM1052_08 Datasheet HTML 7Page - STMicroelectronics TSM1052_08 Datasheet HTML 8Page - STMicroelectronics TSM1052_08 Datasheet HTML 9Page - STMicroelectronics TSM1052_08 Datasheet HTML 10Page - STMicroelectronics TSM1052_08 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
TSM1052
Typical characteristics
7/15
Figure 9.
Low output level of voltage control
loop op amp vs ambient
temperature (2 mA sink current)
Figure 10. Low output level of current control
loop op amp vs ambient
temperature (2 mA sink current)
Figure 11. Output short circuit current of
voltage control loop op amp vs
ambient temperature
Figure 12. Output short circuit current of
current control loop op amp vs
ambient temperature
Figure 13. Supply current vs ambient
temperature
Figure 14. Low output level vs sink current
0
20
40
60
80
100
120
-20
0
20
40
60
80
100
Temp ( °C )
Vcc=18V
Vcc=5V
Vcc=1.7V
0
20
40
60
80
100
120
140
-20
0
20
40
60
80
100
Temp ( °C )
Vcc=18V
Vcc=5V
Vcc=1.7V
0
10
20
30
40
50
60
70
-20
0
20
40
60
80
100
Temp ( °C )
Vcc=18V
Vcc=5V
Vcc=1.7V
0
10
20
30
40
50
60
70
80
-20
0
20
40
60
80
100
Temp ( °C )
Vcc=18V
Vcc=5V
Vcc=1.7V
0.000
0.050
0.100
0.150
0.200
0.250
0.300
0.350
-20
0
20
40
60
80
100
Temp ( °C )
Vcc=18V
Vcc=5V
Vcc=1.7V
0
0.5
1
1.5
2
2.5
1
6
11
16
21
26
31
Isink (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com