Electronic Components Datasheet Search
  English  ▼

X  

TSM1052 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TSM1052
Description  Constant voltage and constant current controller for battery chargers and adapters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM1052 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TSM1052_08 Datasheet HTML 4Page - STMicroelectronics TSM1052_08 Datasheet HTML 5Page - STMicroelectronics TSM1052_08 Datasheet HTML 6Page - STMicroelectronics TSM1052_08 Datasheet HTML 7Page - STMicroelectronics TSM1052_08 Datasheet HTML 8Page - STMicroelectronics TSM1052_08 Datasheet HTML 9Page - STMicroelectronics TSM1052_08 Datasheet HTML 10Page - STMicroelectronics TSM1052_08 Datasheet HTML 11Page - STMicroelectronics TSM1052_08 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Application information
TSM1052
8/15
4
Application information
4.1
Typical application schematic
Figure 15. Typical adapter or battery charger application using the device
In the above application schematic, the device is used on the secondary side of a flyback
adapter (or battery charger) to provide an accurate control of voltage and current. The
above feedback loop is made with an optocoupler.
4.2
Voltage and current control
4.2.1
Voltage control
The voltage loop is controlled via a first transconductance operational amplifier, the voltage
divider R1, R2, and the optocoupler which is directly connected to the output. Its possible to
choose the values of R1 and R2 resistors using Equation 1:
Equation 1
where Vout is the desired output voltage.
As an example, with R1 = 100 k
Ω and R2 = 27 kΩ, V
OUT = 5.7 V
Rsense
Iout
Vout
Vctrl
GND
Vsense
Ictrl
OUT
Vcc
1.210 V
200 mV
+
-
+
-
+
1
2
3
5
4
6
R1
R2
TSM1052
Ric2
Ric1
Cic1
Cvc1
Rvc1
Rled
Rsense
Iout
Vout
Vctrl
GND
Vsense
Ictrl
OUT
Vcc
1.210 V
200 mV
+
-
+
-
+
1
2
3
5
4
6
R1
R2
TSM1052
Ric2
Ric1
Cic1
Cvc1
Rvc1
Rled
a)
b)
2
2
1
ref
out
R
)
R
R
(
V
V
+
⋅
=
ref
ref
out
2
1
V
)
V
V
(
R
R
−
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com