Electronic Components Datasheet Search
  English  ▼

X  

TSM1052 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TSM1052
Description  Constant voltage and constant current controller for battery chargers and adapters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM1052 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TSM1052_08 Datasheet HTML 6Page - STMicroelectronics TSM1052_08 Datasheet HTML 7Page - STMicroelectronics TSM1052_08 Datasheet HTML 8Page - STMicroelectronics TSM1052_08 Datasheet HTML 9Page - STMicroelectronics TSM1052_08 Datasheet HTML 10Page - STMicroelectronics TSM1052_08 Datasheet HTML 11Page - STMicroelectronics TSM1052_08 Datasheet HTML 12Page - STMicroelectronics TSM1052_08 Datasheet HTML 13Page - STMicroelectronics TSM1052_08 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Application information
TSM1052
10/15
Figure 16. Output voltage versus output current
4.3
Compensation
The voltage control transconductance operational amplifier can be fully compensated. Both
of its output and negative input are directly accessible for external compensation
components.
An example of a suitable compensation network is shown in Figure 15. It consists of a
capacitor CVC1 = 2.2 nF and a resistor RCV1 = 470 kΩ in series.
The current-control transconductance operational amplifier can be fully compensated. Both
its output and negative input are directly accessible for external compensation components.
An example of a suitable compensation network is shown in Figure 15. It consists of a
capacitor CIC1 = 2.2 nF and a resistor RIC1 = 22 kΩ in series. In order to increase the
stability of the application it is suggested to add a resistor in series with the optocoupler. An
example of a suitable RLED value could be 330 Ω in series with the optocoupler.
4.4
Start up and short circuit conditions
Under start-up or short-circuit conditions if the device is supplied from SMPS output and the
output voltage is lower than Vcc minimum the current regulation is not guaranteed.
Therefore, the current limitation can only be ensured by the primary PWM module, which
should be chosen accordingly.
If the primary current limitation is considered not to be precise enough for the application,
then a sufficient supply for the device has to be ensured under any condition. It would then
be necessary to add some circuitry to supply the chip with a separate power line. This can
be achieved in numerous ways, including an additional winding on the transformer.
The following schematic shows how to realize a low-cost power supply for the device (with
no additional windings).
Vout
Iout
Voltage regulation
Current regulation
(Vcc of the device independent of output voltage)
Vout
Iout
Voltage regulation
Current regulation
(Vcc of the device independent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com